Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4074B6F Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP4074B6F
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4074B6F Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP4074B6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4074B6F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LP4074-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 8
Preliminary Datasheet
LP4074
Applications Information
The LP4074 is a single cell lithium-ion battery charger using a
constant-current/constant-voltage algorithm. It can deliver up
to 600mA of charge current (using a good thermal PCB layout)
with a final float voltage accuracy of ± 1%. The LP4074
includes an internal P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or external current
sense resistor is required; thus, the basic charger circuit
requires only three external components. Furthermore, the
LP4074 is capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level and a 1% program resistor is
connected from the ISET pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than
2.9V, the charger enters trickle charge mode.
When the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode, where the programmed charge
current is supplied to the battery. When the BAT pin
approaches the final float voltage (4.2V), the LP4074 enters
constant-voltage mode and the charge current begins to
decrease. When the charge current drops to 1.5/10 of the
programmed value the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor
from the ISET pin to ground. The battery charge current is
1000 times the current out of the ISET pin. The program
resistor and the charge current are calculated using the
following equations:
RISET=1000÷IBAT,
IBAT=1000÷RISET
The charge current out of the BAT pin can be determined at
any time by monitoring the ISET pin voltage using the
following equation:
IBAT=VISET÷RISET×1000
Charge Status Indicator (CHRG)
The charge status output has two different states: strong
pull-down (~5mA) and high impedance. The strong pull-down
state indicates that the LP4074 is in a charge cycle. High
impedance indicates that the charge cycle complete or the
LP4074 is in under voltage lockout mode: either VIN is less
than 150mV above the BAT pin voltage or insufficient voltage
is applied to the VIN pin. A microprocessor can be used to
distinguish between these two states.
Charge Stage
STAT1 Status
STAT2 Status
Charging
Low
High
Charge Complete
High
Low
Charge Termination
A charge cycle is terminated when the charge current falls to
1.5/10th the programmed value after the final float voltage is
reached. This condition is detected by using an internal,
filtered comparator to monitor the ISET pin. When the ISET
pin voltage falls below 100mV for longer than TTERM (typically
1ms), charging is terminated. The charge current is latched off
and the LP4074 enters standby mode, where the input supply
current drops to 50µA. When charging, transient loads on the
BAT pin can cause the ISET pin to fall below 150mV for short
periods of time before the DC charge current has dropped to
1.5/10th the programmed value. The 1ms filter time (TTERM) on
the termination comparator ensures that transient loads of this
nature do not result in premature charge cycle termination.
Once the average charge current drops below 1.5/10th the
programmed value, the LP4074 terminates the charge cycle
and ceases to provide any current through the BAT pin. In this
state, all loads on the BAT pin must be supplied by the battery.
The LP4074 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.0V recharge
threshold (VRECHRG), another charge cycle begins and current
is once again supplied to the battery. To manually restart a
charge cycle when in standby mode, the input voltage must
be removed and reapplied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com