Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5301 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP5301
Description  Over Voltage and Over Current Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5301 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP5301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 7Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP5301-04
Fed.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP5301
Over Voltage and Over Current Protection IC
General Description
The LP5301 is an Over-Voltage-Protection(OVP) and
programmable Over-Current-Protection (OCP) device.
The device will switch off internal MOSFET to
disconnect VIN to VOUT to protect load when any of
input voltage, input current over the threshold. The
Over temperature protection (OTP) function monitors
chip temperature to protect the device.
The LP5301 is available in SOT-23-6, DFN-8 2*2mm
package. Standard products are Pb-free and
Halogen-free.
Order Information
LP5301 □ □ □
F: Pb-Free
Package Type
B6: SOT23-6
QV: DFN-8
Applications
GPS
PMP
PAD
MID
Digital cameras, Digital Videos
Features
Input Voltage Range: 3.5V to 36V
Typical Output Power on Time: 9ms
OVP Threshold: 6.1V
OVP Threshold Time Less Than 1μs
Programmable Current Limit up to 2.1A
Low RDS(ON) Internal Switches:130mΩ @ 5V /1A
Output Discharge
Thermal Fault Protection
SOT23-6, DFN-8 2*2mmPackage
RoHS Compliant and 100% Lead(Pb)-Free
Typical Application Circuit
VIN
EN
VOUT
LP5301
VIN
CIN
1uF
VOUT
COUT
1uF
Chip
Enable
ISET
RSET
Marking Information
Device
Marking
Package
Shipping
LP5301B6F
LPS
9WYWX
SOT23-6
3K/REEL
LP5301QVF
DFN-8
4K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP5301

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300B6F POWER-LP5300B6F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5300X3F POWER-LP5300X3F Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
LP5304 POWER-LP5304 Datasheet
511Kb / 6P
36V/5A Over Voltage Protection IC
More results

Similar Description - LP5301

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com