Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5301 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP5301
Description  Over Voltage and Over Current Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP5301 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP5301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 6Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 7Page - Lowpower Semiconductor inc LP5301 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP5301-04
Fed.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP5301
Functional Pin Description
VOUT
GND
EN
VIN
ISET
1
2
3
4
6
Top View
NC
5
VIN
GND
NC
VOUT
ISET
NC
1
2
3
GND
NC 4
8
7
6
5 EN
Pin Description
Pin
Name
Description
SOT23-6
DFN-8
1
5
EN
Chip enable pin. Active low.
2
2,PAD
GND
Ground.
3
1
VIN
Input pin. A 1uF low ESR ceramic capacitor or larger must be connected as
close as to this pin. It is recommended to use 50V capacitor or according to
application.
4
8
VOUT
Output pin.
5
3,4,6
NC
No connector. These pin must be floating without connecting to GND or HIGH
voltage.
6
7
ISET
Current program pin. Connect a resistor to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com