Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6222SPF Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6222SPF
Description  High Efficiency Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6222SPF Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6222SPF Datasheet HTML 1Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LP6222-01
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 9
Preliminary Datasheet
LP6222
Operation Information
The LP6222 uses a fixed frequency, peak current
mode boost regulator architecture to regulate voltage
at the feedback pin. At the start of each oscillator
cycle the MOSFET is turned on through the control
circuitry. To prevent sub-harmonic oscillations at
duty cycles greater than 50 percent, a stabilizing
ramp is added to the output of the current sense
amplifier and the result is fed into the negative input
of the PWM comparator. When this voltage equals
The output voltage of the error amplifier the power
MOSFET is turned off. The voltage at the output of
the error amplifier is an amplified version of the
difference between the 0.6V bandgap reference
voltage and the feedback voltage. In this way the
peak current level keeps the output in regulation. If
the feedback voltage starts to drop, the output of the
error amplifier increases. These results in more
current to flow through the power MOSFET, thus
increasing the power delivered to the output.
TheLP6222 has internal soft start to limit the amount
of input current at startup and to also limit the amount
of overshoot on the output.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.6V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
VOUT = ( R1 / R2 + 1 ) x VFB
Current Limitation
The internal power-MOS switch current is monitored
cycle-by-cycle and is limited to the value not exceed
4.8A(Typ.). When the switch current reaches the
limited value, the internal power-MOS is turned off
immediately until the next cycle. Keep traces at this
pin as short as possible. Do not put capacitance at
this pin.
Current limit program
A resistor between ISET and GND pin programs
peak switch current. the resistor value be between
10K and 96K .The current limit will be set from 4.8A
to 0.5A .Keep traces at this pin as short as possible.
Do not put capacitance at this pin. To set the over
current trip point according to the following equation:
IOCP=48000 / R3
Diode Selection
To achieve high efficiency, Schottky diode is good
choice for low forward drop voltage and fast
switching time. The output diode rating should be
able to handle the maximum output voltage, average
power dissipation and the pulsating diode peak
current.
Input Capacitor Selection
For better input bypassing, low-ESR ceramic
capacitors are recommended for performance. A
22uF input capacitor is sufficient for most
applications. For a lower output power requirement
application, this value can be decreased.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com