Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6222SPF Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6222SPF
Description  High Efficiency Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6222SPF Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6222SPF Datasheet HTML 1Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP6222SPF Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LP6222-01
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 9
Preliminary Datasheet
LP6222
Function Block Diagram
FB
EN
ISET
SHUTDOWN
CIRCUITRY
UVLO
SOFT
START
CONTROL
AND DRIVER
LOGIC
ADJUSTABLE
CURRENT
LIMIT
SLOPE
COMPENSASION
OSCILLATOR
OVP
VIN
LX
GND
OTP
SHORT
CIRCUIT
COMP.
Error
Amp.
PWM
COMP.
CURRENT
SENSE
AMP.
10μA
10KΩ~100KΩ
2.6A~0.5A
0.3V
0.6V
Σ
+
+
+
+
-
-
-
-
Absolute Maximum Ratings
Note 1
Input to GND ---------------------------------------------------------------------------------------------------------------- 6V
SW Voltage to GND ----------------------------------------------------------------------------------------------------- 12V
Other Pin Voltage to GND ----------------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -20℃ to 85℃
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (PD,TA=25℃) -------------------------------------------------------------------- 0.45W
Thermal Resistance (JA) ----------------------------------------------------------------------------------------- 250℃/W
Maximum Power Dissipation (PD,TA=25℃) ------------------------------------------------------------------------ 2W
Thermal Resistance (JA) ------------------------------------------------------------------------------------------- 50℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com