Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6240 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6240
Description  High Efficiency Boost DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6240 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6240 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Datasheet
LP6240
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 2 of 6
LP6240 Version 0.1 MAY-2019
Typical Application Circuit
VIN
VIN
EN
EN
L1
4.7uH
C1
22uF
C2
10uF
C3
47uF
R1
10
Ω
LP6240
FB
GATE
CS
COMP
GND
Rcomp
10k
Ω
Ccomp
2nF
R7
10m
Ω
R6
500
Ω
R5
0
Ω
R2
89k
Ω
R3
10k
Ω
VOUT
Figure 1. Typical Application Circuit of LP6240
Pin Configuration
VIN
1
2
3
4
5
6
7
8
GATE
GND
CS
FB
COMP
NC
EN
Figure 2. SOP-8 Package Top View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com