Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6240 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6240
Description  High Efficiency Boost DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6240 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6240 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Datasheet
LP6240
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 3 of 6
LP6240 Version 0.1 MAY-2019
Function Block Diagram
CS
OVP
Internal
Regulator
UVLO
GATE
Gate
Driver
Control
Logic
OSC
OTP
OCP
OVP
CTRL
EN / PWM
COMP
FB
EA and
Comp.
VIN
GND
Figure 3. Function Block Diagram
Functional Pin Description
Pin NO.
Pin Name
Description
1
VIN
Input Supply Pin. Decouple with 10
μF ceramic capacitor close to the pin.
2
GATE
External NMOS Gate Drive Pin.
3
GND
Ground.
4
CS
Current Sense Input Pin.
5
FB
Regulator Feedback Input. Connect to an external resistive to set the output
current.
6
COMP
Regulator Error Amplifier Compensation Pin.
7
NC
No Connection.
8
EN
Chip Enable Control.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com