Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6260 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6260
Description  Ultra low IQ Synchronous Boost Convertor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6260 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6260 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP6260-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP6260
Ultra low IQ Synchronous Boost Convertor
General Description
The LP6260 device is a synchronous boost convertor
with ultra-low quiescent current. It features a
true-shutoff function that disconnects the input and
output during shutdown and output short-circuit
conditions.
The LP6260 only consumes 1uA quiescent current
under light load condition and can achieve up to 75%
efficiency at 20uA load. It can achieve up to 93%
efficiency at 200mA load from 3.3 V to 5V conversion.
Order Information
LP6260
F: Pb-Free
Package Type
: TDFN-6
QV
Default:5.1V
Applications
Tablet, MID
Smart Phone
Power Bank
Features
5.1V output voltage
Up to 95% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<0.1uA
Over Output Voltage Protection
Over Current Protection
Over Temperature Protection
Internal Compensation of Soft-start
1.2MHz fixed frequency switching
Typical Application Circuit
VIN
6
SW
5
VOUT
2
GND
1
EN
4
VIN
VOUT
10uF
10uF
2.2uF
EN
NC
3
Marking Information
Device
Marking
Package
Shipping
LP6260QVF
6260
YWX
TDFN-6
4K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP6260

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6261 POWER-LP6261 Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
LP6261AB6F POWER-LP6261AB6F Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
LP6261B6F POWER-LP6261B6F Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
More results

Similar Description - LP6260

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
logo
Lowpower Semiconductor ...
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6255 POWER-LP6255 Datasheet
1Mb / 10P
High Efficiency Synchronous Boost Convertor
logo
Linear Technology
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Lowpower Semiconductor ...
LP6261 POWER-LP6261 Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
logo
Kinetic Technologies.
KTC2110 KINETIC-KTC2110 Datasheet
685Kb / 14P
3.0MHz High Efficiency Low IQ Synchronous Boost
September 2020 - Revision 04a
KTC2110A KINETIC-KTC2110A Datasheet
851Kb / 13P
3.0MHz High Efficiency Low IQ Synchronous Boost
March 2022 - Revision 04a
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com