Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6260 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6260
Description  Ultra low IQ Synchronous Boost Convertor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6260 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6260 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6260 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LP6260-00
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 6
Preliminary Datasheet
LP6260
Application Information
The LP6260 uses a synchronous 1.2MHz fixed
frequency with 1uA ultra-low quiescent current. It is
designed for alkaline battery, coin-cell battery, Li-ion
or Li-polymer battery powered systems, which
requires long battery running time and tiny solution
size.
The LP6260 uses cycle-by-cycle overcurrent
protection. If the inductor peak current reaches the
current limit, the chip turns off the main switch to stop
the further increase in input current. In this case, the
output voltage will decrease until the power balance
between the input and output is reached.
Short-Circuit Protection
Unlike most boost converters, the LP6260 allows
output shorts. In the case of a short circuit, the
LP6260 first turns off the NMOS when the current
detected by the chip reaches the current limit. When
VOUT falls below VIN, the device enters a linear
mode of operation with the same current limit as the
start-up period. In addition, the thermal shutdown
circuits disable switching if the die temperature rises
above 150°C.
Layout Guide
For high frequency switching power supplies, the
PCB layout is important step in system application
design. In order to let IC achieve good regulation,
high efficiency and stability, it is strongly
recommended the power components(Inductor, input
and output capacitor) should be placed as close as
possible to chip. The set races should be wide and
short.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com