Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6261AB6F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6261AB6F
Description  Ultra low IQ Synchronous Boost Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6261AB6F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6261AB6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP6261-02
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP6261
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
2
3
6
5
4
VOUT
GND
EN
SW
NC/FB
VIN
SOT23-6
(Top View)
Pin Description
Pin No.
Name
Description
1
VOUT
Voltage output pin.
2
GND
Ground pin.
3
EN
Chip enable pin. Logic high voltage enables the device; logic low voltage disables the
device. Do not leave it floating.
4
VIN
Voltage supply input pin.
5
NC
(LP6261)
No Connect.
FB
(LP6261A)
Feedback pin. The feedback voltage is 1.36V.
6
SW
Pin for switching.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com