Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6261AB6F Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6261AB6F
Description  Ultra low IQ Synchronous Boost Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6261AB6F Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6261AB6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP6261-02
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP6261
Absolute Maximum Ratings
Note 1
VIN and EN to GND ----------------------------------------------------------------------------------------------------------- 6.5V
VOUT to GND --------------------------------------------------------------------------------------------------------------------- 8V
SW to GND ----------------------------------------------------------------------------------------------------------------------- 10V
Maximum Junction Temperature ----------------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (TA) --------------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (SOT23-6, PD,TA=25℃) ------------------------------------------------------------- 0.45W
Thermal Resistance (SOT23-6, JA) --------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) ---------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ---------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com