Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6402F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6402F
Description  2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6402F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6402F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP6402F-02
2019.-10
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
数据手册
LP6402F
典型应用电路
VOUT
C1
100uF
C3
220uF
33uH
VIN
GND
VOUT
SW
VIN
C2
Option
DP
D-
D+
GND
DM
LED
D+
D-
USB
R1
LED1
LED2
R2
1K
引脚功能定义
封装
脚位分布
SOP-8
1
2
3
4
8
7
6
5
VOUT
DP
DM
VIN
GND
LED
SW
SW
SOP-8
(Top View)
引脚描述
脚位.
名称
脚位说明
1
VOUT
输出电压反馈管脚,连接到输出端。
2
DP
USB D+ 数据线端口
3
DM
USB D- 数据线端口
4
VIN
电源输入,外接 100uF 电容,且靠近 IC 的管脚。
5,6
SW
开关接点,连接电感。
7
LED
带载状态输出
8
GND
功率地。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com