Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6402F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6402F
Description  2.4A/3.1A/3.4A ?끿뵷饔х겘?뚧??띶럨葉녑럨?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6402F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6402F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6402F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP6402F-02
2019.-10
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
数据手册
LP6402F
2.4A/3.1A/3.4A 充电转灯同步降压稳压器
概述
LP6402F是一颗同步整流降压开关模式转换器,
内置功率MOS管。输出电压5.1V,在8V-32V宽输
入电压范围内,输出电压5.1V,可实现持续输出
电流2.4A/3.1A/3.4A;内置DCP输出协议;
LP6402F具有同步模式操作,可在输出电流负载
范围内实现高效率,电流模式控制下提供快速瞬
态响应和逐周期电流限制;内置负载状态输出功
能,外接LED灯可显示负载状态;
LP6402F最大限度减少外围器件,外部仅需一个
功率电感,内置软启动、过流保护、过压保护、
过温保护、短路保护功能;采用SOP8封装
订购信息
LP6401
F: Pb-Free
封装
SO: SOP-8
输出电压
F: 5.1V
输出电流
31: 3.1A
24: 2.4A
34: 3.4A
应用范围
车载充电器/适配器
线性调节前置稳压器
分布式供电系统
USB 专用充电端口 (DCP)
特点
宽电压输入范围:8~32V
输出电压5.1V
内置DCP协议(BC1.2、Apple2.4A、三星)
效率高达92%
120KHz工作频率
超低EMI设计
内置转灯指示状态输出功能
热保护关断
SOP8封装
标记信息
丝印
标识
封装
数量
LP6402F24SOF
LP6402F
24
YWXXX
SOP8
4K/盘
LP6402F31SOF
LP6402F
31
YWXXX
SOP8
4K/盘
LP6402F34SOF
LP6402F
34
YWXXX
SOP8
4K/盘
标识指示
Y:生产年份 W:生产周 X: 序号


Similar Part No. - LP6402F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
18W恙ュ뀉?뚧??띶럨饔ф뜟?
LP6401 POWER-LP6401 Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6401F-24SOF POWER-LP6401F-24SOF Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6401F-31SOF POWER-LP6401F-31SOF Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
LP6401F-34SOF POWER-LP6401F-34SOF Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
More results

Similar Description - LP6402F

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Seaward Electronics Inc...
SE3807 SEAWARD-SE3807 Datasheet
380Kb / 4P
SE3807??쳵?덄럤?뚧?竊똏WM?띶럨?
SE3835 SEAWARD-SE3835 Datasheet
460Kb / 9P
40V 4.2A CC/CV ?뚧??띶럨 DC/DC饔ф뜟?
logo
Injoinic Technology Co....
IP6503 INJOINIC-IP6503 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
logo
Lowpower Semiconductor ...
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
18W恙ュ뀉?뚧??띶럨饔ф뜟?
LP6401 POWER-LP6401 Datasheet
510Kb / 7P
?끿쉰?뤺? 2.4A/3.1A/3.4A ?뚧??띶럨葉녑럨?
logo
Shenzhen Huazhimei Semi...
HM2459A HMSEMI-HM2459A Datasheet
366Kb / 4P
60V,480KHz,0.5A ?띶럨?뗧뵷繹
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com