Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR32WD50 Datasheet(PDF) 3 Page - Shanghai Cyanlite Technology Co., Ltd.

Part # PR32WD50
Description  LED Round Panel Light - CYNTHIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYANLITE [Shanghai Cyanlite Technology Co., Ltd.]
Direct Link  https://www.cyanlite.com
Logo CYANLITE - Shanghai Cyanlite Technology Co., Ltd.

PR32WD50 Datasheet(HTML) 3 Page - Shanghai Cyanlite Technology Co., Ltd.

  PR32WD50 Datasheet HTML 1Page - Shanghai Cyanlite Technology Co., Ltd. PR32WD50 Datasheet HTML 2Page - Shanghai Cyanlite Technology Co., Ltd. PR32WD50 Datasheet HTML 3Page - Shanghai Cyanlite Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cyanlite LED Round Panel Light
3 / 3
www.cyanlite.com
+86-21-3157 9655
sales@cyanlite.com
No. 885, Sub-Lane 3, Lane 699, Nanliu Road, Shanghai 201399, China
Technical Data
Model
D40
D50
D60
D80
D100
D120
Product Dimension
⌀400*20mm ⌀500*20mm ⌀600*20mm ⌀780*20mm ⌀1000*20mm ⌀1200*20mm
Item No.
PR28WD40
PR32WD50
PR40WD60
PR55WD80
PR75WDH0
PR85WDH2
Luminous Flux
2940lm
3360lm
4800lm
6600lm
9000lm
10200lm
System Power
28W
32W
40W
55W
75W
85W
Efficacy at 4KK
105lm/W
105lm/W
120lm/W
120lm/W
120lm/W
120lm/W
Working Current
1050mA
1050mA
1050mA
1400mA
1800mA
1800mA
Working Voltage
24±2V/DC
27±2V/DC
36±2V/DC
35±2V/DC
35±2V/DC
40±3V/DC
CRI (Ra)
Ra>80 standard; Ra>97 optional
Color Temp.
3000K/3500K/4000K/5000K/6000K
Lighting Method
Side-lit
Light Source
SMD2835
SDCM
<3
Beam Angel
110°
Service Life
L70 (25°C) = 50.000h
IP Rating
IP20
Impact Resistance
IK04
Hot Wire Resistance
650°C
Dimmable
On/off standard; 1-10V dim and Dali dim optional
Nominal Frequency
50/60Hz
Power Factor
>0.9
Input Voltage
200~240V
Flick Free
Yes
Housing Color
RAL9016 white standard; RAL9005 black optional
Housing Material
Aluminum frame, powder coated steel backplate
LGD Material
Acrylic (PMMA)
Diffuser Material
Polystyrene (PS)
Storage Temp.
-40˚C~+80˚C
Working Temp.
-20˚C~+45˚C
Mount
Wire pendant standard; stem pendant, surface mounted and recessed optional
Package
1pcs per gift box, 5pcs per master box
Warranty
5 years
According to the International Standard of LED luminaire, here Cyanlite formally claims this product is only allowed to be applied to indoor environment.
Meanwhile Cyanlite promises full warranty for the products. Any severe environment application including high/low temperature, high humidity, high
salinity, high-ammonia etc. is not permitted without the official confirmation from the manufacturer. If any misapplication happens, the warranty policy
is no longer guaranteed. All values are typical values measured under laboratory conditions at 25 °C. Specifications subject to change without notice.
Rev: 1.3 2020/05/20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com