Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR32WD50 Datasheet(PDF) 1 Page - Shanghai Cyanlite Technology Co., Ltd.

Part # PR32WD50
Description  LED Round Panel Light - CYNTHIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYANLITE [Shanghai Cyanlite Technology Co., Ltd.]
Direct Link  https://www.cyanlite.com
Logo CYANLITE - Shanghai Cyanlite Technology Co., Ltd.

PR32WD50 Datasheet(HTML) 1 Page - Shanghai Cyanlite Technology Co., Ltd.

  PR32WD50 Datasheet HTML 1Page - Shanghai Cyanlite Technology Co., Ltd. PR32WD50 Datasheet HTML 2Page - Shanghai Cyanlite Technology Co., Ltd. PR32WD50 Datasheet HTML 3Page - Shanghai Cyanlite Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cyanlite LED Round Panel Light
1 / 3
www.cyanlite.com
+86-21-3157 9655
sales@cyanlite.com
No. 885, Sub-Lane 3, Lane 699, Nanliu Road, Shanghai 201399, China
LED Round Panel Light - CYNTHIA
Cyanlite round panel light series Cynthia is an edge lit
luminaire. It looks like a perfect family by adopting same
aluminum profile from diameter 40cm to 120cm. The
structure is solid with thickness of 20mm. Typical value is
up to 120LM/W; flicker free on/off driver as standard, 1-
10V dimming, and Dali dimming driver plus push dimming
are optional. The main materials are aluminum profiles,
powder coated backplate and PMMA light guide.
Opalic diffuser and micro prismatic diffuser are optional.
Direct and indirect version is available in 3 ways:
transparent, opalic pendant, and opalic stem mounting or
surface mounting. The product family is especially
designed for office, hotel, school, shop, and other open
planed location.
Features
Simple and exquisite design
Lumen efficiency up to 120LM/W at 4000K
Lighting is uniform and healthy
Mean Well DALI dimming plus push dimming driver optional
5 years warranty
Applications
Office
Shops and Retail
Architectural
Hotel
Restaurant
Meeting Room
Hallway
Lobby


Similar Part No. - PR32WD50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR3200 ETC1-PR3200 Datasheet
86Kb / 2P
DIFFERENTIAL PRESSURE TRANSMITTER
PR3200/MP ETC1-PR3200/MP Datasheet
86Kb / 2P
DIFFERENTIAL PRESSURE TRANSMITTER
logo
Rectron Semiconductor
PR320A RECTRON-PR320A Datasheet
172Kb / 3P
SIDACTOR
logo
Sharp Corporation
PR32MA11NTZ SHARP-PR32MA11NTZ Datasheet
268Kb / 14P
IT(rms)??.15A, Non-Zero Cross type DIP 6pin SSR
More results

Similar Description - PR32WD50

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5111F CML-5111F Datasheet
22Kb / 1P
Panel Mounted LED Indicator Light
5894S CML-5894S Datasheet
66Kb / 1P
Panel Mounted LED Indicator Light
5994S CML-5994S Datasheet
65Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
Panel Mounted LED Indicator Light
5994S VCC-5994S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
logo
List of Unclassifed Man...
FLP-6060-040-WW ETC2-FLP-6060-040-WW Datasheet
1Mb / 7P
LED Panel Light Series
FLP0606080WE03 ETC2-FLP0606080WE03 Datasheet
1Mb / 6P
LED Panel Light Series
FLP-6060-030-WW ETC1-FLP-6060-030-WW Datasheet
1Mb / 7P
LED Panel Light
FLP-6060-040-WW ETC1-FLP-6060-040-WW Datasheet
1Mb / 7P
40W LED Panel Light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com