Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDBUG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # T1024RDBUG
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 2Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 3Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 4Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 5Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 6Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 7Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 9Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Table 1-1. Useful references (continued)
Document
Description
QorIQ Data Path Acceleration
Architecture (DPAA) Reference
Manual (DPAARM)
Describes the core set of DPAA functionality implemented in many QorIQ chips, and
identifies those portions of the DPAA whose implementation varies from chip to chip.
The QorIQ data path acceleration architecture (DPAA) provides the infrastructure to
support simplified sharing of networking interfaces and accelerators by multiple CPU
cores. These resources are abstracted into enqueue/dequeue operations by means of
a common DPAA Queue Manager (QMan) driver.
1.2 Acronyms and abbreviations
The table below lists and explains the acronyms and abbreviations used in this document.
Table 1-2. Acronyms and abbreviations
Usage
Description
COP
Common On-chip Processor
CPC
CoreNet Platform Cache
CPLD
Complex Programmable Logic Device
DIMM
Dual In-Line Memory Module
DIP
Dual In-Line Package
DIU
Display Interface Unit
DMA
Direct Memory Access
DPAA
Data Path Acceleration Architecture
DRAM
Dynamic Random Access Memory
DUT
Device Under Test
EC
Ethernet Controllers
EDC
Error Detection and Correction
EEPROM
Electrically Erasable Programmable Read-Only Memory
EMI
Ethernet Management Interfaces
eMMC
embedded MultiMediaCard
eSDHC
enhanced Secure Digital Host Controller
eSPI
enhanced Serial Peripheral Interface
FET
Field Effect Transistor
HDLC
High-level Data Link Control
I2C
Inter-Integrated Circuit
IFC
Integrated Flash Controller
JTAG
Joint Test Action Group
MPIC
Multicore Programmable Interrupt Controller
PCIe/PEX
PCI Express
PLD
Programmable Logic Device
POR
Power On Reset
Table continues on the next page...
Acronyms and abbreviations
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
6
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com