Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1024RDBUG Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # T1024RDBUG
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 6Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 7Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 8Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 9Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 10Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 11Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 12Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 13Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
2.2 Power
The power supply system of the T1024RDB systems uses power from a standard ATX
PSU to provide power to the numerous processor, CPLD, and peripheral devices. To
meet the required power specifications, the following goals guide the power supply
architecture:
• Monolithic power supply for VCC (powering internal cores and platform logic).
• DUT-specific power rails are instrumented for current measurement.
• Automatic collection of voltage, current, and power is performed for critical supplies.
• Mounting holes of sufficient size are provided, to allow on-board supplies to be
replaced by bench supplies.
• All power supplies can be sequenced as per hardware specifications.
The following table indicates the total power consumption of the T1024RDB.
The following figure shows the power supply architecture.
Power
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
10
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com