Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C332MPFS18A Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # AS7C332MPFS18A
Description  3.3V 2M x 18 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C332MPFS18A Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button AS7C332MPFS18A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 18Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
®
AS7C332MPFS18A
12/23/04, v.1.5
Alliance Semiconductor
18 of 19
Ordering information
Note:
Add suffix ‘N’ to the above part numbers for lead free parts (Ex AS7C332MPFS18A-200TQC
N)
Part numbering guide
1. Alliance Semiconductor SRAM prefix
2. Operating voltage: 33 = 3.3V
3. Organization: 2M = 2Meg
4. Pipelined Mode
5. Deselect: S = single cycle deselect
6. Organization: 18 = x 18
7. Production version: A = first production version
8. Clock speed (MHz)
9. Package type: TQ = TQFP
10. Operating temperature: C = commercial (0
° C to 70° C); I = industrial (-40° C to 85° C)
11. N = Lead Free Part
Package & Width
200 MHz
166 MHz
133 MHz
TQFP x 18
AS7C332MPFS18A-200TQC
AS7C332MPFS18A-166TQC
AS7C332MPFS18A-133TQC
AS7C332MPFS18A-200TQI
AS7C332MPFS18A-166TQI
AS7C332MPFS18A-133TQI
AS7C
33
2M
PF
S
18
A
–XXX
TQ
C/I
X
1
23
45678
910
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com