Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C332MPFS18A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C332MPFS18A
Description  3.3V 2M x 18 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C332MPFS18A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C332MPFS18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C332MPFS18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
®
AS7C332MPFS18A
12/23/04, v.1.5
Alliance Semiconductor
4 of 19
Functional description
The AS7C332MPFS18A is a high-performance CMOS 32-Mbit Synchronous Static Random Access Memory (SRAM) device
organized as 2,097,152 words × 18 bits. It incorporates a two-stage register-register pipeline for highest frequency on any given
technology.
Fast cycle times of 5/6/7.5 ns with clock access times (tCD) of 3.1/3.5/3.8 ns enable 200,166 and 133MHz bus frequencies.
Three chip enable (CE) inputs permit easy memory expansion. Burst operation is initiated in one of two ways: the controller
address strobe (ADSC), or the processor address strobe (ADSP). The burst advance pin (ADV) allows subsequent internally
generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip
address register when ADSP is sampled low, the chip enables are sampled active, and the output buffer is enabled with OE. In
a read operation, the data accessed by the current address registered in the address registers by the positive edge of CLK are
carried to the data-out registers and driven on the output pins on the next positive edge of CLK. ADV is ignored on the clock
edge that samples ADSP asserted, but is sampled on all subsequent clock edges. Address is incremented internally for the next
access of the burst when ADV is sampled low and both address strobes are high. Burst mode is selectable with the LBO input.
With LBO unconnected or driven high, burst operations use an interleaved count sequence. With LBO driven low, the device
uses a linear count sequence.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable
GWE writes all 18 bits regardless of the state of individual BW[a,b] inputs. Alternately, when GWE is high, one or more bytes
may be written by asserting BWE and the appropriate individual byte BWn signals.
BWn is ignored on the clock edge that samples ADSP low, but it is sampled on all subsequent clock edges. Output buffers are
disabled when BWn is sampled LOW regardless of OE. Data is clocked into the data input register when BWn is sampled low.
Address is incremented internally to the next burst address if BWn and ADV are sampled low. This device operates in single-
cycle deselect feature during read cycles.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC
and ADSP follow.
ADSP must be sampled high when ADSC is sampled low to initiate a cycle with ADSC.
WE signals are sampled on the clock edge that samples ADSC low (and ADSP high).
Master chip enable CE0 blocks ADSP, but not ADSC.
The AS7C332MPFS18A family operates from a core 3.3V power supply. I/Os use a separate power supply that can operate at
2.5V or 3.3V. These devices are available in a 100-pin TQFP package.
TQFP capacitance
* Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN*
VIN = 0V
-
5
pF
I/O capacitance
CI/O*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com