Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP159 Datasheet(PDF) 4 Page - Texas Instruments

Part # DP159
Description  as DisplayPort Retimer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP159 Datasheet(HTML) 4 Page - Texas Instruments

  DP159 Datasheet HTML 1Page - Texas Instruments DP159 Datasheet HTML 2Page - Texas Instruments DP159 Datasheet HTML 3Page - Texas Instruments DP159 Datasheet HTML 4Page - Texas Instruments DP159 Datasheet HTML 5Page - Texas Instruments DP159 Datasheet HTML 6Page - Texas Instruments DP159 Datasheet HTML 7Page - Texas Instruments DP159 Datasheet HTML 8Page - Texas Instruments DP159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VSADJ (k:)
4.5
5
5.5
6
6.5
7
7.5
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
1500
D001
IN_D2P/N
IN_D1P/N
IN_D0P/N
IN_CLKP/N
x
x
DP159
DP SINK
100nF
OUT_D2P/N
OUT_D1P/N
OUT_D0P/N
OUT_CLKP/N
100F
100nF
100nF
ML0P/N
ML1P/N
ML2P/N
ML3P/N
100nF
100nF
100nF
100nF
Optional if already present
At DisplayPort Source.
50
50
50
50
3.3V
3.3V
3.3V
3.3V
Place Close to DP159
ML0P/N
ML1P/N
ML2P/N
ML3P/N
Local I
2C Interface
www.ti.com
2.3
DisplayPort Input and Output Implementation
The DP159 has DisplayPort++ receivers (IN[3:0]) and TMDS transmitters (OUT[3:0]). Because the DP159
receivers are DisplayPort++, there is nothing special required to connect the DP159’s to a DisplayPort
source. The DP159 transmitters are TMDS, and therefore, must be terminated to 3.3 V through a 50-
Ω
resistor. The 50-
Ω resistors must be placed as close to the DP159 pins are possible. Because DisplayPort
is a AC-coupled interface, 100-nF capacitors must be inserted after the 50-
Ω termination but before the
DisplayPort sinks input. To confine the impedance discontinuities caused by pads of the resistor and
capacitor, it is recommended to place the AC capacitors closer to the resistors.
Figure 4. DisplayPort Main Link Implementation
2.4
Output VOD Control
As previously mentioned, the DP159 outputs are TMDS transmitters, and therefore, not DisplayPort
compliant. The DP159 output voltage swing level is determined directly by value of the resistor used on
the VSADJ pin and by the VSWING register. The recommend value of 4.62 K
Ω produces a typically peak-
to-peak voltage swing of around 1400 mV. The value of the resistor can be reduced to produce a larger
voltage swing or increased to produce a smaller voltage swing.
Figure 5. VOD vs VSADJ Resistance
NOTE:
Note this chart assumes HDMI termination (single 50-
Ω to 3.3 V). The external 50-Ω plus the
internal FPGA termination reduces the VOD by as much as 40%.
4
DP159 as DisplayPort Retimer
SLLA358 – December 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com