Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP159 Datasheet(PDF) 9 Page - Texas Instruments

Part # DP159
Description  as DisplayPort Retimer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP159 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP159 Datasheet HTML 5Page - Texas Instruments DP159 Datasheet HTML 6Page - Texas Instruments DP159 Datasheet HTML 7Page - Texas Instruments DP159 Datasheet HTML 8Page - Texas Instruments DP159 Datasheet HTML 9Page - Texas Instruments DP159 Datasheet HTML 10Page - Texas Instruments DP159 Datasheet HTML 11Page - Texas Instruments DP159 Datasheet HTML 12Page - Texas Instruments DP159 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
Initial Power-up Configuration
4
Initial Power-up Configuration
The following registers must be programmed immediately after power-up or whenever OE transitions from
de-asserted (low) to asserted (high).
struct DP159InitT
{
unsigned short regAddr;
//DP159’s register address
unsigned short regValue;
//Data written
};
struct DP159InitT RBR_HBR_HBR2_Common_Init[] = {
//Page 0
{0xFF, 0x00} , //Select Page 0
{0x09, 0x36} , //Enable X-Mode
{0x0A, 0x7B} , //Disable HPD_SNK pass thru to HPD_SRC.
{0x0D, 0x80} , //Enable clock on AUX. Select 1/20 mode.
{0x0C, 0x6D} , //Set TX Swing to Max
{0x10, 0x00} , //Turn off pattern verifier
{0x16, 0xF1} , //Disable char-alignment on all lanes.
{0xFF, 0x01} , // Select Page 1
//CONFIGURE PLL BLOCK
{0x00, 0x02} , //Enable Bandgap.
{0x04, 0x80} , //PLL_FBDIV[7:0]
{0x05, 0x00} , //PLL_FBDIV[10:8]
{0x08, 0x00} ,
{0x0D, 0x02} , //Select LN0 for clock.
{0x0E, 0x03} , //CDR_CONFIG[4:0].
FIXED, LN0.
{0x01, 0x01} , //CP_EN is PLL mode
{0x02, 0x3F} , //CP_CURRENT is high.
{0x0B, 0x33} , //Loop Filter to 8K.
{0xA1, 0x02} , //Allows for Override of PLL settings.
{0xA4, 0x02} , //Allows for Override of PLL settings.
//CONFIGURE TX BLOCK
{0x10, 0xF0} , //ENTX for all four lanes (disable)
{0x11, 0x30} , //TX_RATE is Full Rate, TX_TERM = 75 to 150 , TX_INVPAIR = None
{0x14, 0x00} , //HDMI_TWPST1 is 0dB pre-emphasis
{0x12, 0x03} , //SLEW_CTRL is Normal, SWING is 600mV.
{0x13, 0xFF} , //FIR_UPD.
Load TX settings
{0x13, 0x00} ,
//CONFIGURE RX BLOCK
{0x30, 0xE0} , //Disable Receivers except lane 0
{0x32, 0x00} , //PD_RXINT
{0x31, 0x00} , //RX_RATE is Full
{0x4D, 0x08} , //EQFTC = 0 and EQLEV = 8
{0x4C, 0x01} , //Enable Fixed EQ
{0x34, 0x01} , //Enable Offset correction
{0x32, 0xF0} , //Load RX settings.
{0x32, 0x00} ,
{0x33, 0xF0} , //Load EQ settings.
{0xFF, 0x00} , //Select
Page 0
{0x0A, 0x3B} , //Enable HPD_SNK pass thru to HPD_SRC. Retimer
{0xFF, 0x01} , //Select
Page 1
};
9
SLLA358 – December 2015
DP159 as DisplayPort Retimer
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com