Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-422PP9R. Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-422PP9R.
Description  RS-422 Converters, Port Powered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-422PP9R. Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-422PP9R. Datasheet HTML 1Page - Advantech Co., Ltd. BB-422PP9R. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
BB-422PP9R
BB-422PP9TB
Dimensions
BB-422PP9R
BB-422PP9TB
Unit: mm
Ordering Information
Model Number
RS-232 Connector
RS-422 Connector
Output
External Power Option?
BB-422PP9R
DB9 Female
DB9 Female
RS-422
No
BB-422PP9TB
DB9 Female
Terminal Block
RS-422
Yes
Accessories – Sold Separately
ƒ
BB-SMI6-12-V-ST
12VDC, 6W power supply, stripped/tinned, international
AC input
(Note: external powering option for BB-422PP9TB only.)
ƒ
BB-9PAMF6
DB9 male to DB9 female adapter cable, 1.8 m
17.4
33.3
31.8
15.9
7.9
15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com