Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-422PP9R. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-422PP9R.
Description  RS-422 Converters, Port Powered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-422PP9R. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-422PP9R. Datasheet HTML 1Page - Advantech Co., Ltd. BB-422PP9R. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
BB-422PP9R
BB-422PP9TB
Specifications
Serial Technology
ƒ
Data Rate
115.2 kbps maximum
RS-232
ƒ
Connector
BB-422PP9R: DB9 female
BB-422PP9TB: DB9 female
ƒ
Signals
TD, RD, RTS, CTS, DTR, DSR, DCD, (GND)
RS-422
ƒ
Connector
BB-422PP9R: DB9 female
BB-422PP9TB: Terminal block
ƒ
Signals
TDA+, TDB+, RDS-, RDB+, (GND)
ƒ
Operation
RS-422, 4-wire
ƒ
Biasing Resistors
4.7k Ohms
ƒ
Termination
None
Power
ƒ
Source
Port-powered from RS-232 handshake lines
Optional, external 12-16 VDC power supply
(BB-422PP9TB only)
Mechanical
ƒ
Dimensions
BB-422PP9R: 6.1 x 3.3 x 1.7 cm
BB-422PP9TB: 8.9 x 3.3 x 1.7 cm
ƒ
Enclosure
Plastic, In-line
ƒ
Weight
45.3 gm
Meantime Between Failures (MTBF)
ƒ
MTBF
BB-422PP9R: 2094328
BB-422PP9TB: 849670
ƒ
MTBF Calc. Method
MIL 217F Parts Count Reliability Prediction
RS-422 Converters, Port Powered
Environmental
ƒ
Operating Temperature 0 to +70 °C
ƒ
Storage Temperature
-40 to +85 °C
ƒ
Operating Humidity
0-95%, non-condensing
Approvals, Directives, Standards
ƒ
FCC, CE
ƒ
CE - Directives
2014/30/EU – Electromagnetic Compatibility Directive
2011/65/EU amended by 2015/863/EU – Reduction of
Hazardous Substances Directive (RoHS)
2012/19/EU – Waste Electrical and Electronic
Equipment (WEEE)
ƒ
CE - Standards
EN 55032 Class A – Electromagnetic Compatibility of
Multimedia Equipment – Emission requirements
EN 55024 – Information Technology Equpment –
Immunity Characteristics – Limits and methods of
measurement
EN 61000-6-4 + A1 – Generic Emission Standard for
Industrial Environments (Class A)
EN 61000-6-2 – Generic Immunity Standard for
Industrial Environments
ƒ Extend RS-232 data signals up to 1.2 km
ƒ Change RS-232 TD and RD to balanced RS-422 signals
ƒ Baud rates up to 115.2 kbps
ƒ Quick, inline installation
ƒ Powered from RS-232 handshake lines - no power supply required
ƒ At least one handshake line must be present (positive or negative voltage) -
no software control needed
ƒ RS-232/RS-422 bidirectional transmission
All product specifications are subject to change without notice.
Last updated: 26-Nov-2019


Similar Part No. - BB-422PP9R.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-422HESP ADVANTECH-BB-422HESP Datasheet
626Kb / 2P
3-stage Surge Protectors for RS-232, RS-422/485
BB-422LCON ADVANTECH-BB-422LCON Datasheet
578Kb / 2P
RS-232 to RS-422 Converter
BB-422LCOR ADVANTECH-BB-422LCOR Datasheet
346Kb / 1P
RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
More results

Similar Description - BB-422PP9R.

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
logo
Advantech Co., Ltd.
RS-232 ADVANTECH-RS-232 Datasheet
441Kb / 2P
Port Powered RS-232/485 Converters
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
TCF-90 MOXA-TCF-90 Datasheet
819Kb / 4P
Port-powered RS-232 to fiber converters
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Advantech Co., Ltd.
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
ULI-226D ADVANTECH-ULI-226D Datasheet
508Kb / 3P
RS-232 to RS-485 Port-powered Converters
24-Jan-2022
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
MSD-SRP4XM-PRO COOLGEAR-MSD-SRP4XM-PRO Datasheet
306Kb / 2P
4-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/9/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com