Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

422LP9N Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 422LP9N
Description  Port Powered RS-232/485 Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

422LP9N Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  422LP9N Datasheet HTML 1Page - Advantech Co., Ltd. 422LP9N Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Port Powered RS-232/485
Converters
Models 4WSD9R, 4WSD9TB
SPECIFICATIONS
SERIAL TECHNOLOGY
Data Rate
115.2 kbps maximum
RS-232
Connector 4WSD9R: DB9 female
4WSD9TB: DB9 female
Signals /
Port Power *
RD, TD, GND supported.
Pins 7 (RTS) and 8 (CTS) are tied together.
Pins 6 (DSR), 1 (DCD), and 4 (DTR) are tied together.
RS-422/485
Connector 4WSD9R: DB9 female
4WSD9TB: Terminal block
Biasing Resistors
4.7k Ohms
Signals TDA (-), TDB (+), RDA (-), RDB (+), GND
Termination
None
Operation
Dipswitch selectable RS-422 or RS-485
4WSD9R: RS-485 2 or 4-wire or RS-422
4WSD9TB: RS-485 2 or 4-wire or RS-422
POWER
Source
Port-powered: from RS-232 handshake lines.
External 12 VDC power supply, optional.
* Port-Power Port-powering requires 7 to 12 VDC supplied on at least
one handshake line.
Power Connector
2.5 mm plug (tip positive)
Input Voltage
12 VDC
MECHANICAL
Dimensions,
4WSD9R: 7.8 x 4.3 x 2.0 cm (3.0 x 1.6 x 0.8 in)
4WSD9TB: 9.0 x 4.3 x 2.3 cm (3.6 x 1.7 x 0.9 in)
Enclosure
Plastic, Inline
Weight
4WSD9R: 49 g (0.10 lbs.)
4WSD9TB: 50 g (0.11 lbs.)
MTBF
4WSD9R: 880179
4WSD9TB: 345242
MTBF Calc. Method
Parts Count Reliability Prediction
ENVIRONMENTAL
Operating Temperature
0 to +70 °C (+32 to +158 °F)
Storage Temperature
-40 to +85 °C (-40 to +185 °F)
Operating Humidity
0 - 95% Non-condensing
DECLARATION OF CONFORMITY - 4WSD9TB
FCC, CE
Directives
2014/30/EC - Electromagnetic Compatibility Directive
2011/65/EU - Reduction of Hazardous Substances Directive
(RoHS)
2012/19/EU - Waste Electrical and Electronic Equipment (WEEE)
EMC Standards
EN55022:2010+AC - Information Technology Equipment - Class B
RF Emissions
EN55024 - Information Technology Equipment - Immunity (Light-
Industrial Environments)
EN61000-4-2 - ESD Immunity
EN61000-4-3 - Radiated Immunity
EN61000-4-4 - EFT/Burst Immunity
EN61000-4-6 - RF Conducted Immunity
DECLARATION OF CONFORMITY - 4WSD9R
FCC, CE
Directives
2014/30/EC - Electromagnetic Compatibility Directive
2011/65/EU - Reduction of Hazardous Substances Directive
(RoHS)
2012/19/EU - Waste Electrical and Electronic Equipment (WEEE)
EMC Standards
EN55032 - Information Technology Equipment - Class B RF
Emissions
EN55024 - Information Technology Equipment - Immunity (Light-
Industrial Environments)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com