Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

422LP9N Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 422LP9N
Description  Port Powered RS-232/485 Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

422LP9N Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  422LP9N Datasheet HTML 1Page - Advantech Co., Ltd. 422LP9N Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Port Powered RS-232/485
Converters
Models 4WSD9R, 4WSD9TB
Models 4WSD9TB and 4WSD9R, universal serial converters, provide RS-232
to RS-422/RS-485 conversion using either port-power or an external power
supply. Model 4WSD9TB has a terminal block RS-485 connector; Model
4WSD9R has a DB9 female RS-485 connector.
Data is converted in both directions, RS-232 Transmit Data is converted to
balanced RS-422 or RS-485 Transmit Data. Received RS-422/485 signals are
converted to RS-232. Unlike converters which require programming hardware
handshaking signals to control RS-422 or RS-485 operation, Models 4WSD9TB
and 4WSD9R provide automatic Send Data Control. In RS-485 mode, the
RS-485 driver is enabled by circuitry which senses the RS-232 TD input. In
half-duplex RS-485 mode, the receiver is enabled when not transmitting. For
full-duplex operation, the receiver is set always enabled.
In RS-422 mode, the transmitter and receiver are always enabled. The
operating mode is set with 4 switches see Table 1. The converters are
powered by the RS-232 signal lines whether they are set high or low. If not
enough power is available from the port, or no handshaking lines are available,
a DC jack is provided to connect an external 12VDC supply. The DB9 female
connector for RS-232 is wired as DCE (like a modem).
• Change RS-232 TD and RD to RS-485 signals
• Extend RS-232 data signals up to 1.2 km (4,000 ft.)
• Automatic Send Data Control
• Baud rates up to 115.2 kbps
• RS-232 port power or external 12 VDC power jack
• Dipswitch selectable RS-422 or RS-485
PRODUCT FEATURES
ACCESSORIES
SMI6-12-V-P230-C1 - Power Supply, 12 VDC 6 Watt, 2.5MM Plug, International AC
Input, International AC Blades
9PAMF6 - DB9 male to DB9 female adapter cable, 1.8 m (6 ft.)
ORDERING INFORMATION
MODEL
NUMBER
RS-232
CONNECTOR
(DCE)
RS-485
CONNECTOR
OUTPUT
OPTIONAL
POWER
SUPPLY
4WSD9R
DB9 Female
DB9 Female
RS-485 2 or 4-wire
or RS-422
✔
4WSD9TB
DB9 Female
Terminal Block RS-485 2 or 4-wire
or RS-422
✔
Table 1. RS-422/485 PINOUT
PIN #
SIGNAL
2
RD (A)-
3
TD (B) +
4
GND
6
GND
7
RD (B)+
8
TD (A)-
Table 2. RS-232 PINOUT
PIN #
SIGNAL
1
DCD
2
RD
3
TD
4
DTR
5
GND
6
DSR
7
RTS
8
CTS
No external power is required if two RS-232 output handshake lines are
available and the cable run is short. If the handshake lines are raised and no
termination is used, the power efficiency is greatly increased. Less than 3 mA
is required to operate the converter - plus the load current. For applications
that do not have handshake lines or require a large load current, power may
be externally supplied with a +12 VDC power supply with a 2.5mm plug (tip
positive).
The RS-232 port has a female DB9 connector with pins 2 (RD), 3 (TD), and 5
(Signal Ground) supported. Pins 7 (RTS) and 8 (CTS) are tied together, and pins
6 (DSR), 1 (DCD), and 4 (DTR) are also tied together. Any incoming data lines
in either the high or low state are used to port power the converter. The more
handshake lines available, the more likely the unit can be port powered. Table 2.
shows the RS-232 pinout.
Although handshake lines can be used to power the converter, no handshaking
is required to control the RS-422/RS-485 driver. With Switch 1 set to RS-422, the
driver is always enabled. When Switch 1 is in the RS-485 position, the RS-485
driver is automatically enabled during each spacing state on the RS-232 side.
During the marking or idle state, the RS-485 driver is disabled and the data lines
are held in the marking state by the 4.7K Ohm pull-up and pull-down resistors.
The value of these resistors may need to be changed to a different value when
termination is used in order to maintain the proper DC bias during the idle state.
4WSD9R_4WSD9TB_3417ds


Similar Part No. - 422LP9N

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
422 TELEDYNE-422 Datasheet
748Kb / 6P
TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
logo
Adafruit Industries
422 ADAFRUIT-422 Datasheet
832Kb / 1P
Fine tip curved tweezers - ESD safe - 120mm
3-11-20
logo
Keystone Electronics Co...
422 KEYSTONE-422 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
IDEAL-TEK SA
422 SM IDEAL-TEK-422 SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Chocbox
422-01-04 CHOCBOX-422-01-04 Datasheet
1Mb / 4P
CONNECTOR COVER (2 AMP-30 AMP)
More results

Similar Description - 422LP9N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDM2485 ETC-LDM2485 Datasheet
66Kb / 1P
Signal Powered High Speed RS-232 to RS-485 Converters
logo
Advantech Co., Ltd.
BB-485SD9R ADVANTECH-BB-485SD9R Datasheet
213Kb / 2P
RS-485 Converter, Port Powered
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
Industrial RS-232 to RS-422/485 converters
TCF-90 MOXA-TCF-90 Datasheet
819Kb / 4P
Port-powered RS-232 to fiber converters
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
Industrial RS-232 to RS-422/485 Converters
BB-485BAT3 ADVANTECH-BB-485BAT3 Datasheet
351Kb / 2P
Battery Powered RS-232 to RS-485 Serial Converter
BB-SCP211-DFTB3 ADVANTECH-BB-SCP211-DFTB3 Datasheet
212Kb / 2P
Industrial RS-232 to RS-422/485 Converters
ULI-226D ADVANTECH-ULI-226D Datasheet
508Kb / 3P
RS-232 to RS-485 Port-powered Converters
24-Jan-2022
ULI-227D5 ADVANTECH-ULI-227D5 Datasheet
719Kb / 3P
Port-powered RS-232 to TTL & Current Loop Converters
5-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com