Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8742 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8742
Description  24-bit 192 kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8742 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8742 Datasheet HTML 1Page - Cirrus Logic WM8742 Datasheet HTML 2Page - Cirrus Logic WM8742 Datasheet HTML 3Page - Cirrus Logic WM8742 Datasheet HTML 4Page - Cirrus Logic WM8742 Datasheet HTML 5Page - Cirrus Logic WM8742 Datasheet HTML 6Page - Cirrus Logic WM8742 Datasheet HTML 7Page - Cirrus Logic WM8742 Datasheet HTML 8Page - Cirrus Logic WM8742 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
WM8742
4
Rev 4.4
PIN CONFIGURATION
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
BCLK/DSD64CLK
VOUTRN
VOUTLN
DIN/DINL
MODE/LRSEL
VMIDR
VMIDL
MCLK
AGNDR
AGNDL
AVDDR
IWO/DOUT
AVDDL
MUTEB/SDOUT
21
22
23
24
25
26
27
28
VOUTRP
AGND
VOUTLP
AVDD
LRCLK/DSDL
FSEL/DINR
DIFFHW
OSR/DSDR
ZFLAG
DGND
DVDD
CSB/SADDR/I2S
SCLK/DSD
SDIN/DEEMPH
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
PEAK SOLDERING
TEMPERATURE
WM8742GEDS/V
-0
 to +70C
28-lead SSOP
(Pb-free)
260˚C
WM8742GEDS/RV
-0
 to +70C
28-lead SSOP
(Pb-free, tape and reel)
260˚C
Note:
Reel Quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com