Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8742 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8742
Description  24-bit 192 kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8742 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8742 Datasheet HTML 17Page - Cirrus Logic WM8742 Datasheet HTML 18Page - Cirrus Logic WM8742 Datasheet HTML 19Page - Cirrus Logic WM8742 Datasheet HTML 20Page - Cirrus Logic WM8742 Datasheet HTML 21Page - Cirrus Logic WM8742 Datasheet HTML 22Page - Cirrus Logic WM8742 Datasheet HTML 23Page - Cirrus Logic WM8742 Datasheet HTML 24Page - Cirrus Logic WM8742 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
WM8742
Rev 4.4
21
2-WIRE SERIAL CONTROL MODE
The WM8742 supports software control via a 2-wire serial bus. Many devices can be controlled by the
same bus, and each device has a unique 7-bit address (this is not the same as the 7-bit address of
each register in the WM8742).
The WM8742 operates as a slave device on the 2-wire control bus. The controller indicates the start
of data transfer with a high to low transition on SDIN while SCLK remains high. This indicates that a
device address and data will follow. All devices on the 2-wire bus respond to the start condition and
shift in the next eight bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address
received matches the address of the WM8742
and the R/W bit is ‘0’, indicating a write, then the
WM8742 responds by pulling SDIN low on the next clock pulse (ACK).
If the address is not
r
ecognised or the R/W bit is ‘1’, the WM8742 returns to the idle condition and wait for a new start
condition and valid address.
Once the WM8742 has acknowledged a correct address, the controller sends the first byte of control
data (B15 to B8, i.e. the WM8742 register address plus the first bit of register data). The WM8742
then acknowledges the first data byte by pulling SDIN low for one clock pulse. The controller then
sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register data), and the
WM8742 acknowledges again by pulling SDIN low.
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
After receiving a complete address and data sequence the WM8742 returns to the idle state and waits
for another start condition. If a start or stop condition is detected out of sequence at any point during
data transfer (i.e. SDIN changes while SCLK is high), the device reverts to the idle condition.
SDI
N
SCLK
register address and
1st register data bit
DEVICE ADDRESS
(7 BITS)
RD / WR
BIT
ACK
(LOW)
CONTROL BYTE 1
(BITS 15 TO 8)
CONTROL BYTE 2
(BITS 7 TO 0)
remaining 8 bits of
register data
STOP
START
ACK
(LOW)
ACK
(LOW)
Figure 13 2-wire Serial Control Interface
The WM8742 device address can be configured between two options. This is selected by the SADDR
pin.
PIN
NAME
DESCRIPTION
28
CSB/
SADDR/I2S
0 = 2-wire address 0011010
1 = 2-wire address 0011011
Table 10 2-wire Serial Control Mode Address Selection
DIGITAL AUDIO INTERFACE
PCM MODE
There are a number of valid PCM data input modes. Two channel and one channel differential mono
modes can be selected by serial or hardware control. It is also possible to bypass the WM8742 digital
filters and apply a signal at a rate 8fs (where fs is the sampling rate) directly to the switched capacitor
stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com