Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8742GEDS/RV Datasheet(PDF) 20 Page - Cirrus Logic

Part # WM8742GEDS/RV
Description  24-bit 192 kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8742GEDS/RV Datasheet(HTML) 20 Page - Cirrus Logic

Back Button WM8742GEDS/RV Datasheet HTML 16Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 17Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 18Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 19Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 20Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 21Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 22Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 23Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
WM8742
20
Rev 4.4
of devices in the chain until they are all set into daisy chain mode. Figure 11 shows the protocol for
configuring the first two devices in the daisy chain.
CSB
SCLK
DAC1 SDIN
ADDR=0x08, DATA=0x022
ADDR=0x08, DATA=0x022
DAC1 SDOUT/
DAC2 SDIN
ADDR=0x08, DATA=0x022
ADDR=0x7F, DATA=0x1FF
DAC1 configured into daisy chain mode
DAC1 receives 16-bits of control data ready to
echo on SDOUT. DAC1 does not act on control
data as no rising CSB to latch data in
DAC1 outputs previous 16-bits of control data on
SDOUT and receives dummy write on SDIN
DAC2 configured into daisy chain mode
Figure 11 Initial Setup of Two WM8742 Devices into Control Interface Daisy Chain Mode
To write to a single device in the chain a complete sequence needs to be written to all the devices.
Devices that do not require a register change must also be written to. The user can choose to write
either the same data as the previous write, or write all 1s for the register address and data. All 1s will
result in writing to a non-existent register, address 7Fh, preserving the current register settings.
Figure 12 shows an example of how to access three WM8742 devices (the devices have all previously
been configured in daisy chain mode):
CSB
SCLK
DAC1 SDIN
A6
A5
D1
D0
A6
A5
D1
D0
A6
A5
D1
D0
DAC1 SDOUT/
DAC2 SDIN
A6
A5
D1
D0
A6
A5
D1
D0
DAC2 SDOUT/
DAC3 SDIN
A6
A5
D1
D0
CSB goes high
DAC1 processes blue data
DAC2 processes yellow data
DAC3 processes pink data
Figure 12 Daisy Chain Control Interface Example for Three WM8742 Devices
To ensure that only valid data is written to the devices in daisy chain mode, a pull up resistor is used
in SDOUT. When connected to the SDIN pin of the next device in the chain, this results in all ones
being written to the control interface of that device until the correct daisy chain data is written and
latched.
Serial daisy chaining is available only when using 3-wire serial control mode. It is not available in 2-
wire serial control mode or hardware control mode.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
Mode Control 2
08h
5
SDOUT
0
3 wire Serial Interface Daisy Chaining
0 = No Output
1 = Output on pin 25.
Table 9 Control Interface Daisy Chaining Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com