Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8742GEDS/RV Datasheet(PDF) 23 Page - Cirrus Logic

Part # WM8742GEDS/RV
Description  24-bit 192 kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8742GEDS/RV Datasheet(HTML) 23 Page - Cirrus Logic

Back Button WM8742GEDS/RV Datasheet HTML 19Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 20Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 21Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 22Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 23Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 24Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 25Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 26Page - Cirrus Logic WM8742GEDS/RV Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
WM8742
Rev 4.4
23
RIGHT JUSTIFIED MODE
In right justified mode, the LSB is sampled on the rising edge of BCLK preceding a LRCLK transition.
LRCLK is high during the left data word and low during the right data word.
LEFT CHANNEL
RIGHT CHANNEL
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
LRCLK
BCLK
DIN
Figure 15 Right Justified Mode Timing Diagram
I2S MODE
In I2S mode, the MSB is sampled on the second rising edge of BCLK following a LRCLK transition.
LRCLK is low during the left data word and high during the right data word.
LEFT CHANNEL
RIGHT CHANNEL
LRCLK
BCLK
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 16 I2S Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com