Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117S30R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDL1117S30R
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117S30R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDL1117S30R Datasheet HTML 3Page - STMicroelectronics LDL1117S30R Datasheet HTML 4Page - STMicroelectronics LDL1117S30R Datasheet HTML 5Page - STMicroelectronics LDL1117S30R Datasheet HTML 6Page - STMicroelectronics LDL1117S30R Datasheet HTML 7Page - STMicroelectronics LDL1117S30R Datasheet HTML 8Page - STMicroelectronics LDL1117S30R Datasheet HTML 9Page - STMicroelectronics LDL1117S30R Datasheet HTML 10Page - STMicroelectronics LDL1117S30R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6
Application information
6.1
Thermal and short-circuit protections
The LDL1117 is self-protected from short-circuit conditions and overtemperature. When the output load is higher
than the one supported by the device, the output current rises until the limit of typically 2 A is reached. The current
limit value is dependent of the dissipated power, thanks to an additional SOA protection, so that the maximum
power is limited.
The peak current available for a defined drop voltage (VIN-VOUT) is shown in Section 7 .
The thermal protection occurs when the junction temperature reaches typically 175 °C. The IC enters the
shutdown status. As soon as the junction temperature falls again below 150 °C (typ.) the device starts working
again.
In order to calculate the maximum power that the device can dissipate, keeping the junction temperature below
TJ-OP, the following formula is used: PDMAX= 125−TAMB /RTHJ−A
(1)
PDMAX should be also derated according to the maximum current allowed by the SOA protection.
6.2
Input and output capacitor selection
The LDL1117 requires external capacitors to assure the regulator control loop stability.
Any good quality ceramic capacitor can be used but, the X5R and the X7R are suggested since they guarantee a
very stable combination of capacitance and ESR over the temperature range. The input/output capacitors should
be placed as close as possible to the relative pins. The LDL1117 requires an input capacitor with a minimum value
of 1 μF.
The device is also equipped with a differential thermal protection that avoid damage in case of fast thermal
gradients inside the chip. When the differential thermal protection is activated both channel and the LDO are
switched off. This protection works in auto-retry mode, the device restarts automatically when the thermal
conditions go back into the normal operating region.
This capacitor must be placed as close as possible to the input pin of the device and returned to a clean analog
ground. The control loop of the LDL1117 is designed to work with an output ceramic capacitor. Other type of
capacitors may be used, as long as they meet the requirements of minimum capacitance and equivalent series
resistance (ESR), as shown in Figure 20 and Figure 21.
To assure stability, the output capacitor must maintain its ESR and capacitance in the stable region, over the full
operating temperature range.
The suggested combination of 1 μF input and 4.7 μF output capacitors offers a good compromise among the
stability of the regulator, optimum transient response and total PCB area occupation.
LDL1117
Application information
DS12022 - Rev 6
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com