Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117S30R Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDL1117S30R
Description  1.2 A high PSRR low-dropout linear voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL1117S30R Datasheet(HTML) 3 Page - STMicroelectronics

  LDL1117S30R Datasheet HTML 1Page - STMicroelectronics LDL1117S30R Datasheet HTML 2Page - STMicroelectronics LDL1117S30R Datasheet HTML 3Page - STMicroelectronics LDL1117S30R Datasheet HTML 4Page - STMicroelectronics LDL1117S30R Datasheet HTML 5Page - STMicroelectronics LDL1117S30R Datasheet HTML 6Page - STMicroelectronics LDL1117S30R Datasheet HTML 7Page - STMicroelectronics LDL1117S30R Datasheet HTML 8Page - STMicroelectronics LDL1117S30R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
Pin configuration
Figure 2. Pin connection (top view)
Table 1. Pin description
Pin name
Pin number
Description
GND
1
Ground
VOUT
2
Output voltage
VIN
3
Input voltage
Note:
The tab is connected to VOUT.
LDL1117
Pin configuration
DS12022 - Rev 6
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com