Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFD32B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFD32B
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFD32B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C3364PFD32B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C3364PFD32B
AS7C3364PFD36B
3.3V 64K X 32/36 pipeline burst synchronous SRAM
1/31/05; v.1.1
Alliance Semiconductor
P. 1 of 19
Features
• Organization: 65,536 words × 32 or 36 bits
• Fast clock speeds to 200 MHz
• Fast clock to data access: 3.0/3.5/4.0 ns
•Fast OE access time: 3.0/3.5/4.0 ns
• Fully synchronous register-to-register operation
• Double-cycle deselect
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Linear or interleaved burst control
• Individual byte write and global write
• Snooze mode for reduced power-standby
• Common data inputs and data outputs
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
Logic block diagram
Q0
Q1
64K × 32/36
Memory
array
Burst logic
CLK
CLR
CE
Address
DQ
CE
CLK
DQd
CLK
DQ
Byte write
registers
register
DQc
CLK
DQ
Byte write
registers
DQb
CLK
DQ
Byte write
registers
DQa
CLK
DQ
Byte write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
4
36/32
16
14
16
16
GWE
BWE
BWd
ADV
ADSC
ADSP
CLK
CE0
CE1
CE2
BWc
BWb
BWa
OE
A[15:0]
ZZ
LBO
OE
CLK
CLK
36/32
36/32
DQ [a:d]
Selection guide
–200
–166
–133
Units
Minimum cycle time
5
6
7.5
ns
Maximum clock frequency
200
166
133
MHz
Maximum clock access time
3.0
3.5
4
ns
Maximum operating current
375
350
325
mA
Maximum standby current
130
100
90
mA
Maximum CMOS standby current (DC)
30
30
30
mA


Similar Part No. - AS7C3364PFD32B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFS32A ALSC-AS7C3364PFS32A Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-100TQC ALSC-AS7C3364PFS32A-100TQC Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-100TQI ALSC-AS7C3364PFS32A-100TQI Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-133TQC ALSC-AS7C3364PFS32A-133TQC Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-133TQI ALSC-AS7C3364PFS32A-133TQI Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C3364PFD32B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com