Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFD32B Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFD32B
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFD32B Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFD32B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFD32B Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AS7C3364PFD32B
AS7C3364PFD36B
®
1/31/05; v.1.1
Alliance Semiconductor
P. 6 of 19
Write enable truth table (per byte)
Key: X = don’t care, L = low, H = high, n = a, b, c, d;
BWE, BWn = internal write signal.
Asynchronous Truth Table
Notes:
1. X means “Don’t Care”
2. ZZ pin is pulled down internally
3. For write cycles that follows read cycles, the output buffers must be disabled with OE, otherwise data bus contention will occur.
4. Snooze mode means power down state of which stand-by current does not depend on cycle times
5. Deselected means power down state of which stand-by current depends on cycle times
Burst sequence table
Function
GWE
BWE
BWa
BWb
BWc
BWd
Write All Bytes
L
X
XXX
X
H
LLL
LL
Write Byte a
HL
LH
H
H
Write Byte c and d
HLH
H
L
L
Read
HH
XXX
X
H
L
HHH
H
Operation
ZZ
OE
I/O Status
Snooze mode
H
X
High-Z
Read
L
L
Dout
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Interleaved burst address (LBO = 1)
Linear burst address (LBO = 0)
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
1st Address
0 00 11 0
1 1
1st Address
0 0
0 11 01 1
2nd Address
0 10 01 1
1 0
2nd Address
0 1
1 01 10 0
3rd Address
1 01 10 0
0 1
3rd Address
1 0
1 10 00 1
4th Address
1 11 00 1
0 0
4th Address
1 1
1 00 11 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com