Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C25512PFD32A Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation

Part # AS7C25512PFD32A
Description  2.5V 512K x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512PFD32A Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS7C25512PFD32A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 18Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
®
AS7C25512PFD32A
AS7C25512PFD36A
2/10/05, v. 1.2
Alliance Semiconductor
16 of 19
AC test conditions
Notes
1
For test conditions, see “AC test conditions”, Figures A, B, and C.
2
This parameter is measured with output load condition in Figure C.
3
This parameter is sampled but not 100% tested.
4tHZOE is less than tLZOE, and tHZC is less than tLZC at any given temperature and voltage.
5tCH is measured as high if above VIH, and tCL is measured as low if below VIL.
6
This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK. All other synchronous inputs must
meet the setup and hold times for all rising edges of CLK when chip is enabled.
7
Write refers to GWE, BWE, and BW[a:d].
8
Chip select refers to CE0, CE1, and CE2.
Z0 = 50Ω
DOUT
50
Ω
Figure B: Output load (A)
30 pF*
Figure A: Input waveform
10%
90%
GND
90%
10%
+2.5V
• Output load: For tLZC, tLZOE, tHZOE, tHZC, see Figure C. For all others, see Figure B.
• Input pulse level: GND to 2.5V. See Figure A.
• Input rise and fall time (measured at 0.25V and 2.25V): 2 ns. See Figure A.
• Input and output timing reference levels: 1.25V.
VL = VDDQ/2
Thevenin equivalent:
353
Ω/1538Ω
5 pF*
319
Ω/1667Ω
DOUT
GND
Figure C: Output load(B)
*including scope
and jig capacitance
+2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com