Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C25512PFD32A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C25512PFD32A
Description  2.5V 512K x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512PFD32A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C25512PFD32A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512PFD32A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/10/05, v. 1.2
Alliance Semiconductor
2 of 19
AS7C25512PFD32A
AS7C25512PFD36A
®
16 Mb 2.5V Synchronous SRAM products list1,2
1 Core Power Supply: VDD = 2.5V + 0.125V
2 I/O Supply Voltage: VDDQ = 2.5V + 0.125V
PL-SCD
:
Pipelined Burst Synchronous SRAM - Single Cycle Deselect
PL-DCD
:
Pipelined Burst Synchronous SRAM - Double Cycle Deselect
FT
:
Flow-through Burst Synchronous SRAM
NTD1-PL
:
Pipelined Burst Synchronous SRAM with NTDTM
NTD-FT
:
Flow-through Burst Synchronous SRAM with NTDTM
Org
Part Number
Mode
Speed
1MX18
AS7C251MPFS18A
PL-SCD
166/133 MHz
512KX32
AS7C25512PFS32A
PL-SCD
166/133 MHz
512KX36
AS7C25512PFS36A
PL-SCD
166/133 MHz
1MX18
AS7C251MPFD18A
PL-DCD
166/133 MHz
512KX32
AS7C25512PFD32A
PL-DCD
166/133 MHz
512KX36
AS7C25512PFD36A
PL-DCD
166/133 MHz
1MX18
AS7C251MFT18A
FT
7.5/8.5/10 ns
512KX32
AS7C25512FT32A
FT
7.5/8.5/10 ns
512KX36
AS7C25512FT36A
FT
7.5/8.5/10 ns
1MX18
AS7C251MNTD18A
NTD-PL
166/133 MHz
512KX32
AS7C25512NTD32A
NTD-PL
166/133 MHz
512KX36
AS7C25512NTD36A
NTD-PL
166/133 MHz
1MX18
AS7C251MNTF18A
NTD-FT
7.5/8.5/10 ns
512KX32
AS7C25512NTF32A
NTD-FT
7.5/8.5/10 ns
512KX36
AS7C25512NTF36A
NTD-FT
7.5/8.5/10 ns
1NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property of
their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com