Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA1012 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA1012
Description  PNP, NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1012 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA1012 Datasheet HTML 1Page - Continental Device India Limited CSA1012 Datasheet HTML 2Page - Continental Device India Limited CSA1012 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSA 1012
CSC 2562
TO-220
Plastic Package
TO-220 Plastic Package
TO-220 Tube Packing
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
All Dimensions in mm
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
DEV
ICE
NA
ME
Sr.
Qty
.
Label
538
.00
75.0
All diminsions in mm.
DIM
MIN
MAX
N
O
B
C
D
—
E
F
G
H
J
K
L
M
A
14.42
16.51
9.63
10.67
3.56
4.83
0.90
1.15
1.40
3.75
3.88
2.29
2.79
2.54
3.43
—
0.56
12.70
14.73
2.80
4.07
2.03
2.92
—
31.24
7 DEG
Pin Configuration
1. Base
2. Collector
3. Emitter
4. Collector
3
2
1
4
C
E
J
M
1
2
3
B
F
D
G
TO-220
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
135 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1K
1K
17" x 15" x 13.5"
19" x 19" x 19"
16K
10K
36 kgs
28 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com