Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA1012 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1012
Description  PNP, NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1012 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1012 Datasheet HTML 1Page - Continental Device India Limited CSA1012 Datasheet HTML 2Page - Continental Device India Limited CSA1012 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP PLASTIC POWER TRANSISTOR
CSA 1012
NPN PLASTIC POWER TRANSISTOR
CSC 2562
TO-220
Plastic Package
High Current Switching Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage(open emitter)
VCBO
>60
V
Collector -Emitter Voltage(open base)
VCEO
>50
V
Emitter Base Voltage(open collector)
VEBO
>5.0
V
Collector Current
IC
<5.0
A
Total Power Dissipation upto Tc=25ºC
Ptot
<25
W
Junction Temperature
Tj
<150
ºC
Storage Temperature
Tstg
-65 to +150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=50V, IE=0
1.0
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
µA
Breakdown Voltages
VCEO
IC=10mA, IB=0
50
V
VCBO
IC=1mA, IE=0
60
V
VEBO
IC=0, IE=1mA
5.0
V
Saturation Voltages
VCE(sat)
IC=3A, IB=0.15A
0.4
V
VBE(sat)
1.2
V
DC Current Gain
hFE
IC=1A,VCE=1V**
70
240
IC=3A,VCE=1V
30
20
Transition frequency
PNP
fT
IC=1.0A,VCE=4V
60
MHz
NPN
120
MHz
Output Capacitance
PNP
Co
VCB=10V,IE=0,f=1MHz
170
pF
NPN
80
pF
Switching Time
VCC=30V, IB1=-IB2=0.15A
Duty cycle =1%
Turn on time
ton
0.1
µs
Storage time
ts
0
µs
Fall time
tf
0.1
µs
** hFE classification : O: 70-140
Y: 120-240
,6,62 
/LF 46&/ 
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSA1012

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSA1012Y RECTRON-CSA1012Y Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - CSA1012

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA940 CDIL-CSA940 Datasheet
56Kb / 3P
CSA940 PNP PLASTIC POWER TRANSISTOR, CSC2073 NPN PLASTIC POWER TRANSISTOR
CSA614 CDIL-CSA614 Datasheet
56Kb / 3P
PNP/NPN PLASTIC POWER TRANSISTOR
C43C2 CDIL-C43C2 Datasheet
149Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSA715 CDIL-CSA715 Datasheet
66Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB856 CDIL-CSB856 Datasheet
130Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB546 CDIL-CSB546 Datasheet
120Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSA748 CDIL-CSA748 Datasheet
139Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6111 CDIL-2N6111 Datasheet
193Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6109 CDIL-2N6109 Datasheet
255Kb / 3P
PNP PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com