Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RKLE:P Datasheet(PDF) 100 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RKLE:P
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RKLE:P Datasheet(HTML) 100 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RKLE:P Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 104Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
100
Rev. B10
03/09/2020
9.8 POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must be NOT SELECTED until Vcc reaches at the right level. (Adding a
simple pull-up resistor on CE# is recommended.)
Power up timing
VCC
VCC( max)
VCC(min)
VWI
tVCE
Device is fully
accessible
Chip Selection Not Allowed
= Vcc min. to CE# Low
Time
Symbol
Parameter
Min.
Max
Unit
tVCE(1)
Vcc(min) to CE# Low
300
us
VWI(1)
Write Inhibit Voltage
IS25LP
2.1
V
IS25WP
1.4
Note: These parameters are characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com