Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RKLE:P Datasheet(PDF) 60 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RKLE:P
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RKLE:P Datasheet(HTML) 60 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RKLE:P Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP016D-RKLE:P Datasheet HTML 64Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
60
Rev. B10
03/09/2020
8.23 RELEASE DEEP POWER DOWN (RDPD, ABh)
The Release Deep Power-down/Read Device ID instruction is a multi-purpose command. To release the device
from the Power-down mode, the instruction is issued
by driving the CE# pin low, shifting the instruction code “ABh”
and driving CE# high.
Releasing the device from Power-down mode will take the time duration of tRES1 before normal operation is restored
and other instructions are accepted. The CE# pin must remain high during the tRES1 time duration. If the Release
Deep Power-down/RDID instruction is issued while an Erase, Program or Write cycle is in progress (WIP=1) the
instruction is ignored and will not have any effects on the current cycle.
Figure 8.38 Release Deep Power Down Mode Sequence In SPI Mode
tRES1
Instruction = ABh
CE #
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.39 Release Deep Power Down Mode Sequence In QPI Mode
tRES1
ABh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com