Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD-H/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2561FD-H/P
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD-H/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2561FD-H/P Datasheet HTML 7Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 8Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 9Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 10Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 11Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 12Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 13Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 14Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 11
MCP2561/2FD
COMMON MODE STABILIZATION OUTPUT (SPLIT)
Output Voltage
Vo
0.3VDD
0.5VDD
0.7VDD
V
Normal mode;
ISPLIT = -500 µA to +500 µA
0.45VDD 0.5VDD 0.55VDD
V
Normal mode; RL
 1 M
Leakage Current
IL
-5
—
+5
µA
Standby mode;
VSPLIT = -24V to + 24V
(ISO 11898: -12V ~ +12V)
DIGITAL INPUT PINS (TXD, STBY)
High-Level Input Voltage
VIH
0.7VIO
—
VIO + 0.3
V
Low-Level Input Voltage
VIL
-0.3
—
0.3VIO
V
High-Level Input Current
IIH
-1
—
+1
µA
TXD: Low-Level Input Current
IIL(TXD)
-270
-150
-30
µA
STBY: Low-Level Input Current
IIL(STBY)
-30
—
-1
µA
RECEIVE DATA (RXD) OUTPUT
High-Level Output Voltage
VOH
VDD - 0.4
—
—
V
IOH = -2 mA (MCP2561FD);
typical -4 mA
VIO - 0.4
—
—
IOH = -1 mA (MCP2562FD);
typical -2 mA
Low-Level Output Voltage
VOL
—
—
0.4
V
IOL = 4 mA; typical 8 mA
THERMAL SHUTDOWN
Shutdown
Junction Temperature
TJ(SD)
165
175
185
°C
-12V < V(CANH, CANL) < +12V,
(Note 1)
Shutdown
Temperature Hysteresis
TJ(HYST)
20
—
30
°C
-12V < V(CANH, CANL) < +12V,
(Note 1)
2.3
DC Characteristics (Continued)
Electrical Characteristics: Extended (E): TAMB = -40°C to +125°C and High (H): TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.8V to 5.5V (Note 2), RL = 60
, CL = 100 pF; unless otherwise specified.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Characterized; not 100% tested.
2:
Only MCP2562FD has VIO pin. For the MCP2561FD, VIO is internally connected to VDD.
3:
-12V to 12V is ensured by characterization, tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com