Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD-H/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2561FD-H/P
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD-H/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2561FD-H/P Datasheet HTML 10Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 11Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 12Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 13Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 14Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 15Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 16Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 17Page - Microchip Technology MCP2561FD-H/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP2561/2FD
DS20005284A-page 14
 2014 Microchip Technology Inc.
FIGURE 2-4:
TEST CIRCUIT FOR ELECTRICAL CHARACTERISTICS
FIGURE 2-5:
TEST CIRCUIT FOR AUTOMOTIVE TRANSIENTS
FIGURE 2-6:
HYSTERESIS OF THE RECEIVER
GND
RXD
SPLIT
TXD
RL
CL
15 pF
CANH
CANL
CAN
Transceiver
0.1 µF
VDD
STBY
Note: On MCP2562FD, VIO is connected to VDD.
GND
RXD
SPLIT
TXD
RL
500 pF
500 pF
Note 1: On MCP2562FD, VIO is connected to VDD.
2: The wave forms of the applied transients shall be in accordance with ISO-7637,
Part 1, test pulses 1, 2, 3a and 3b.
CANH
CANL
CAN
Transceiver
Transient
Generator
STBY
VOH
VOL
0.5
0.9
VDIFF (h)(i)
VDIFF (V)
RXD (receive data
output voltage)
VDIFF (r)(i)
VDIFF (d)(i)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com