Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCUESRQTP Datasheet(PDF) 49 Page - Microchip Technology

Part # MXT1664T3-CCUESRQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCUESRQTP Datasheet(HTML) 49 Page - Microchip Technology

Back Button MXT1664T3-CCUESRQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 49
10.0
USB COMMUNICATIONS
The device is a composite USB device with two Human Interface Device (HID) interfaces:
• Interface 0 – This interface provides a Generic HID that allows the host to communicate with the device using the
Object Protocol. The HID identifier string is “Atmel maXTouch Control”. See Section 10.4 “Interface 0 (Generic
HID)” for more details.
• Interface 1 – This interface provides a Digitizer HID that supplies touch information to the Host for passing on to a
PC operating system. This interface is supported by Microsoft Windows without the need for additional software.
The HID identifier string is “Atmel maXTouch Digitizer”. See Section 10.5 “Interface 1 (Digitizer HID)” for more
details.
The topography of the USB device is shown in Figure 10-1.
FIGURE 10-1:
USB TOPOGRAPHY
Communication takes place using Full-speed USB at 12 Mbps.
For more information on the USB HID specifications visit www.usb.org.
10.1
Endpoint Addresses
The endpoint addresses are listed in Table 10-1.
10.2
Composite Device
The composite device is a USB 2.0-compliant USB composite device running at full speed (12 Mbps). It has the
specification shown in Table 10-2 on page 49.
Composite Device
Endpoint 0
(Control)
Interface 1
“Atmel maXTouch Digitizer”
(Digitizer HID)
Endpoint 3
(In)
Interface 0
“Atmel maXTouch Control”
(Generic HID)
Endpoint 1
(In)
Endpoint 2
(Out)
TABLE 10-1:
ENDPOINT ADDRESSES
Endpoint
Direction
Address
Endpoint 0
Bidirectional (control)
–
Endpoint 1
In
0x81
Endpoint 2
Out
0x02
Endpoint 3
In
0x83
TABLE 10-2:
DEVICE SPECIFICATION
Parameter
Value
Vendor ID
0x03EB (Microchip Atmel)
Product ID
0x215D (mXT1664T3)
Version ID
16-bit Version & Build Identifier in the form 0xVVBB, where:
VV = Version Major (Upper 4 bits) / Minor (Lower 4 bits)
BB = Build number in BCD format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com