Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCUESRQTP Datasheet(PDF) 68 Page - Microchip Technology

Part # MXT1664T3-CCUESRQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCUESRQTP Datasheet(HTML) 68 Page - Microchip Technology

Back Button MXT1664T3-CCUESRQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 69Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 71Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 68
 2018 Microchip Technology Inc.
13.0
DEBUGGING AND TUNING
13.1
SPI Debug Interface
13.2
USB Debug Interface
If the USB interface is in use on the device, this can be used as the hardware debug interface instead of the SPI Debug
Interface.
The USB hardware debugging interface is enabled by the Command Processor T6 object and by default will be off.
13.3
Object-based Protocol
The device provides a mechanism for obtaining debug data for development and testing purposes by reading data from
the Diagnostic Debug T37 object.
13.4
Self Test
There is a Self Test T25 object that runs self-test routines in the device to find hardware faults on the sense lines and
the electrodes. This object also performs an initial pin fault test on power-up to ensure that there is no pin short (X-to-
Y, or sense pin to power or GND) before the high-voltage supply is enabled inside the chip. A high-voltage short on the
sense lines could damage the device.
The SPI Debug Interface is used for tuning and debugging when running the system and allows the development
engineer to use Microchip maXTouch Studio to read the real-time raw data. This uses the low-level debug port.
The SPI Debug Interface consists of the DBG_SS, DBG_CLK, and DBG_DATA lines. It is recommended that these pins
are routed to test points on all designs such that they can be connected to external hardware during system
development. These lines should not be connected to power or GND. See Section 2.5.9 “SPI Debug Interface” for more
details.
The SPI Debug Interface is enabled by the Command Processor T6 object and by default will be off.
NOTE
The touch controller will take care of the pin configuration. When the DBG_SS, DBG_CLK, and
DBG_DATA lines are in use for debugging, any alternative function for the pins cannot be used.
NOTE
The Diagnostic Debug T37 object is of most use for simple tuning purposes. When debugging a design, it
is preferable to use the SPI Debug Interface, as this will have a much higher bandwidth and can provide
real-time data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com