Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 42 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 42 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 38Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 39Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 41Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 42
 2018 Microchip Technology Inc.
FIGURE 9-3:
READ/WRITE MEMORY MAP – RESPONSE PACKET FORMAT
In Figure 9-3:
• Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40).
• Status indicates the result of the command:
- 0x00 = read and write completed; read data returned
- 0x04 = write completed; no read data requested
• NumRx is the number of bytes following that have been read from the memory map (in the case of a read). This
will be the same value as NumRx in the command packet.
• Data 0 to Data 14 are the data bytes read from the memory map.
9.5.1.2
Writing To the Device
A write operation cycle to the device consists of sending a packet that contains six header bytes. These specify the HID-
I2C report ID, the Command ID, the number of bytes to read, the number of bytes to write, and the 16-bit address pointer.
Subsequent bytes in a multi-byte transfer form the actual data. These are written to the location of the address pointer,
location of the address pointer +1, location of the address pointer + 2, and so on.
Figure 9-4 shows an example command packet to write four bytes of data to contiguous addresses starting at 0x1234.
FIGURE 9-4:
EXAMPLE OF A FOUR-BYTE WRITE COMMAND STARTING AT ADDRESS
0x1234
In Figure 9-4:
• Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40).
• Number of Bytes to Read is set to zero as this is a write-only operation.
• Number of Bytes to Write is six (that is, four data bytes plus the two address pointer bytes).
Figure 9-5 shows the response to this command. In this case, the result status returned is 0x04 (that is, the write
operation was completed but no read data was requested). Note that the report ID will be the same one used in the
command packet.
FIGURE 9-5:
RESPONSE TO EXAMPLE FOUR-BYTE WRITE
9.5.1.3
Reading From the Device
A read operation consists of sending a packet that contains the six header bytes only and no write data.
Figure 9-6 on page 43 shows an example command packet to read four bytes starting at address 0x1234. Note that the
address pointer is included in the number of bytes to write, so the number of bytes to write is set to 2 as there are no
other data bytes to be written.
Read Data
Data 14
Rpt ID
Status
Number of
Bytes Read
Success/
Failure
NumRx
Data 0
...
Write Data
(4 Bytes)
0x51
0x06
Number
of Bytes
to Write
0x00
0x34
0x12
0x96
0x9B
0xA0
0xA5
Address Pointer
(LSByte, MSByte)
Number
of Bytes
to Read
Command
ID
Rpt ID
Unused Bytes
(8 bytes)
0x00
0x00
...
Result
0x04
Rpt ID
Unused Bytes
(16 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com