Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 94 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 94 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 90Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 91Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 92Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 93Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 94Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 95Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 96Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 97Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 98Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 94
 2018 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
The table below gives details on the product identification system for maXTouch devices. See “Orderable Part Numbers”
below for example part numbers for the mXT1664T3.
To order or obtain information, for example on pricing or delivery, refer to the factory or the listed sales office.
Orderable Part Numbers
Atmel SL Code
An SL (QS) code was required on Atmel purchase orders, but is no longer used by Microchip. The SL code has been
replaced by the 3-digit QTP code suffix on all Microchip industrial grade orderable part numbers.
The legacy Atmel SL (QS) code for mXT1664T3 2.0.AA is QS976.
Device:
Base device name
Package:
A
CC
C2
NH
C4
MA
MA5
=
=
=
=
=
=
=
QFP (Plastic Quad Flatpack)
UFBGA (Ultra Thin Fine-pitch Ball Grid Array)
UFBGA (Ultra Thin Fine-pitch Ball Grid Array)
UFBGA (Ultra Thin Fine-pitch Ball Grid Array)
X1FBGA (Extra Thin Fine-pitch Ball Grid Array)
XQFN (Super Thin Quad Flat No Lead Sawn)
XQFN (Super Thin Quad Flat No Lead Sawn)
Temperature Range:
U
T
B
=
=
=
–40
C to +85C (Grade 3)
–40
C to +85C (Grade 3)
–40
C to +105C (Grade 2)
Sample Type:
Blank
ES
=
=
Release Sample
Pre-release (Engineering) Sample
Tape and Reel Option:
Blank
R
=
=
Standard Packaging (Tube or Tray)
Tape and Reel (1)
Pattern:
QTP, SQTP, Code or Special Requirements
(Blank Otherwise)
Note
1:
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for
ordering purposes and is not printed on the device package. See “Orderable Part Numbers” below or
check with your Microchip Sales Office for package availability with the Tape and Reel option.
Orderable Part Number
Firmware Revision
Description
ATMXT1664T3-CCU035
(Supplied in trays)
2.0.AA
136-ball UFBGA 7 × 7 × 0.6 mm, RoHS compliant
Industrial grade; not suitable for automotive characterization
ATMXT1664T3-CCUR035
(Supplied in tape and reel)
ATMXT1664T3-C2U035
(Supplied in trays)
2.0.AA
162-ball UFBGA 10 × 5 × 0.6 mm, RoHS compliant
Industrial grade; not suitable for automotive characterization
ATMXT1664T3-C2UR035
(Supplied in tape and reel)
PART NO.
Device
[]
X
Tape and
Reel Option
[]
XX
Sample
Type
[]
X
Temperature
Range
–XXX
Package
[]
XXX
Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com