Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA32E5 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 17Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 18Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 19Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 20Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 21Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 22Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 23Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 24Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 21
ATxmega32E5/16E5/8E5
8.10 Device ID and Revision
Each device has a three-byte device ID. This ID identifies the manufacturer of the device and the device type. A separate
register contains the revision number of the device.
8.11 I/O Memory Protection
Some features in the device are regarded as critical for safety in some applications. Due to this, it is possible to lock the I/O
register related to the clock system, the event system, and the waveform extensions. As long as the lock is enabled, all
related I/O registers are locked and they cannot be written from the application software. The lock registers themselves are
protected by the configuration change protection mechanism.
8.12 Flash and EEPROM Page Size
The flash program memory and EEPROM data memory are organized in pages. The pages are word accessible for the
flash and byte accessible for the EEPROM.
Table 8-2 shows the Flash Program Memory organization and Program Counter (PC) size. Flash write and erase opera-
tions are performed on one page at a time, while reading the Flash is done one byte at a time. For Flash access the Z-
pointer (Z[m:n]) is used for addressing. The most significant bits in the address (FPAGE) give the page number and the
least significant address bits (FWORD) give the word in the page.
Table 8-2.
Number of Words and Pages in the Flash
Table 8-3 shows EEPROM memory organization for the AVR XMEGA E5 devices. EEPROM write and erase operations
can be performed one page or one byte at a time, while reading the EEPROM is done one byte at a time. For EEPROM
access the NVM address register (ADDR[m:n]) is used for addressing. The most significant bits in the address (E2PAGE)
give the page number and the least significant address bits (E2BYTE) give the byte in the page.
Table 8-3.
Number of Words and Pages in the EEPROM
Devices
PC size
Flash size
Page Size
FWORD
FPAGE
Application
Boot
bits
bytes
words
Size
No. of
pages
Size
No. of
pages
ATxmega32E5
15
32K+4K
64
Z[6:0]
Z[14:7]
32K
256
4K
32
ATxmega16E5
14
16K+4K
64
Z[6:0]
Z[13:7]
16K
128
4K
32
ATxmega8E5
13
8K+2K
64
Z[6:0]
Z[12:7]
8K
64
2K
16
Devices
EEPROM
Page Size
E2BYTE
E2PAGE
No. of Pages
Size
bytes
ATxmega32E5
1K
32
ADDR[4:0]
ADDR[10:5]
32
ATxmega16E5
512Bytes
32
ADDR[4:0]
ADDR[10:5]
16
ATxmega8E5
512Bytes
32
ADDR[4:0]
ADDR[10:5]
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com