Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA32E5 Datasheet(PDF) 39 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 35Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 36Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 37Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 38Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 39Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 40Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 41Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 42Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 39
ATxmega32E5/16E5/8E5
16.4 Input Sensing
Input sensing is synchronous or asynchronous depending on the enabled clock for the ports, and the configuration is
shown in Figure 16-7.
Figure 16-7. Input Sensing System Overview
When a pin is configured with inverted I/O, the pin value is inverted before the input sensing.
16.5 Alternate Port Functions
Most port pins have alternate pin functions in addition to being a general purpose I/O pin. When an alternate function is
enabled, it might override the normal port pin function or pin value. This happens when other peripherals that require pins
are enabled or configured to use pins. If and how a peripheral will override and use pins is described in the section for that
peripheral. “Pinout and Pin Functions” on page 64 shows which modules on peripherals that enable alternate functions on
a pin, and which alternate functions that are available on a pin.
D
Q
R
INVERTED I/O
Interrupt
Control
D
Q
R
Pxn
Synchronizer
INn
EDGE
DETECT
Synchronous sensing
EDGE
DETECT
Asynchronous sensing
IRQ
Synchronous
Events
Asynchronous
Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com