Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL800 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CL800
Description  2V 800Ah(10hr)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CL800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CL800 Datasheet HTML 1Page - List of Unclassifed Manufacturers CL800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CL800
2V800Ah
Charge characteristic curve
Charging time (hours)
(%) (xCA)
(V)
2.50
2.25
2.00
1.75
0.25
0.20
0.15
0.10
0.05
0
0
2
4
6
8
10
12
14
16
18
20
Constant voltage charge characteristic
o
(0.2CA,25 C)
CHARGED VOLUME
140
120
100
80
60
40
20
0
CHARGE VOLTAGE
CHARGING CURRENT
Self-discharge characteristic
110
100
90
80
70
60
50
40
0
2
4
6
8
10
12
14
16
18
20
Storage time: months
o
40 C
o
30 C
o
20 C
Life characteristics of standby use
120
100
80
60
40
20
0
0
5
10
15
Life(year)
Testing conditions: floating voltage: 2.25 to 2.30V/Cell
oo
ambient temperature: 25 C(77 F)
Cycle service life in relation to
depth of discharge
Number of cycles(cycles)
120
100
80
60
40
20
0
400
800
1200
1600
2000
2400
100% D.O.D.
50% D.O.D.
30% Depth of discharge
Temperature effects on float life
25
20
10
5
0
o
Temperature( C)
10
20
30
40
50
2.30V/Cell
Relationship between
charging voltage and temperature
-10
0
10
20
30
40
50
o
Ambient temperature( C)
2.6
2.5
2.4
2.3
2.2
ST ND
Y
SE
A
B
U
CLE
E
CY
US
Temperature effects on capacity
120
100
80
60
40
20
0
-20
-10
0
10
20
30
40
50
o
Temperature( C)
2
0. C
0.3C
1.0C
0 1C
.
2.0C
O
Discharge characteristic (25 C)
min
h
Discharge time
2.0
1.6
0
1
2
3
5
10
20 30
60
2
3
5
10
20
1600A
800A
80A
204A 144A
496A
MH25860
G4M19906-9202-E-16
THE INTERNATIONAL CERTIFICATION NETWORK
ISO9001:2000
THE INTERNATIONAL CERTIFICATION NETWORK
www.vision-batt.com
Shenzhen Center Power Tech. Co., Ltd.
Center Power Industrial Park, Tongfu Industrial District Dapeng Town, 518120 Shenzhen, China
Tel: (+86-755) 8431 8088 Fax: (+86-755) 8431 8038
E-mail: sales@vision-batt.com
Copy Right Shenzhen Center Power Technology Co., Ltd
(Edition 2003-9)
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com