Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL800 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CL800
Description  2V 800Ah(10hr)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CL800 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CL800 Datasheet HTML 1Page - List of Unclassifed Manufacturers CL800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CL800 2V 800Ah(10hr)
The rechargeable batteries are lead-lead dioxide systems. The dilute sulfuric acid
electrolyte is absorbed by separators and plates and thus immobilized. Should the
battery be accidentally overcharged producing hydrogen and oxygen, special one-
way valves allow the gases to escape thus avoiding excessive pressure build-up.
Otherwise, the battery is completely sealed and is, therefore, maintenance-free,
leak proof and usable in any position.
Battery Construction
Component
Positive plate
Negative plate
Container Cover
Safety valve
Terminal
Separator
Electrolyte
Raw material
Lead dioxide
Lead
ABS
ABS
Rubber
Copper
Fiberglass
Sulfuric acid
General Features
●
Absorbent Glass Mat (AGM) technology
for efficient gas recombination of up to
99% and freedom from electrolyte
maintenance or water adding.
●
Not restricted for air transport-complies
with IATA/ICAO Special Provision A67.
●
UL-recognized component.
●
Can be mounted in any orientation.
●
Computer designed lead, calcium tin alloy
grid for high power density.
●
Long service life, float or cyclic
applications.
●
Maintenance-free operation.
●
Low self discharge.
Dimensions and Weight
Length(mm / inch)
410 / 16.14
Width(mm / inch)
175 / 6.89
Height(mm / inch)
330 / 13.0
Total Height(mm / inch)
367 / 14.5
Approx. Weight(Kg / lbs)
57 / 125.7
Performance Characteristics
Nominal Voltage
2V
Number of cell
1
Design Life
20 years
Nominal Capacity 77oF(25oC)
10 hour rate (80A, 1.8V)
800Ah
5 hour rate (144A, 1.75V)
720Ah
1 hour rate (496A, 1.6V)
496Ah
Internal Resistance
Fully Charged battery 77oF(25oC)
0.23mOhms
Self-Discharge
3% of capacity declined per month at 20oC(average)
Operating Temperature Range
Discharge
-20~60oC
Charge
-10~60oC
Storage
-20~60oC
Max. Discharge Current 77oF(25oC)
3000A(5s)
Charge Methods: Constant Voltage Charge 77oF(25oC)
Cycle use
2.35-2.45V
Maximum charging current
160A
Temperature compensation
-5.0mV/oC
Standby use
2.25-2.3V
Temperature compensation
-3.3mV/oC
Discharge Constant Current (Amperes at 77oF25oC)
End Point
Volts/Cell
10min 15min 30min 45min 1h
3h
5h
10h
1.60V
1576 1281 830
650
496
227
156
86.0
1.65V
1494 1219 793
624
478
220
152
84.9
1.70V
1409 1156 755
597
458
213
148
83.0
1.75V
1322 1091 716
568
439
204
144
81.8
1.80V
1233 1025 676
538
418
195
139
80.0
Discharge Constant Power (Watts at 77oF25oC)
End Point
Volts/Cell
10min 15min 30min 45min 1h
2h
3h
5h
1.60V
2394 1995 1497 1133 936
632
451
303
1.65V
2255 1887 1422 1081 896
613
432
298
1.70V
2115 1777 1346 1027 855
594
413
292
1.75V
1975 1667 1267 971
812
575
394
286
1.80V
1837 1557 1189 915
769
556
375
271
page1 of 2
www.vision-batt.com
(Note)The above characteristics data are average values obtained within
three charge/discharge cycles not the mimimum values.
367


Similar Part No. - CL800

ManufacturerPart #DatasheetDescription
logo
COAST Products.
CL80 COAST-CL80 Datasheet
852Kb / 4P
High-performance, lighting solutions at a highly competitive price
More results

Similar Description - CL800

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
RF Micro Devices
RF2119 RFMD-RF2119 Datasheet
82Kb / 8P
HIGH EFFICIENCY 2V POWER AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4352 AKM-AK4352 Datasheet
88Kb / 13P
2V & LOW POWER MULTI-BIT DAC
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Littelfuse
2SB1188T100Q LITTELFUSE-2SB1188T100Q Datasheet
180Kb / 4P
Medium power transistor (??2V, ??A)
logo
Rohm
2SB1732TL ROHM-2SB1732TL Datasheet
76Kb / 3P
Genera purpose amplification(??2V, ??.5A)
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
Single Supply Operation: 2V to 36V
logo
Rohm
2SB1690 ROHM-2SB1690_05 Datasheet
63Kb / 3P
General purpose amplification(??2V, ??A)
2SCR512P5 ROHM-2SCR512P5 Datasheet
1Mb / 9P
Midium Power Transistors (30V / 2V)
logo
Maxim Integrated Produc...
MAX20048EVKIT MAXIM-MAX20048EVKIT Datasheet
99Kb / 2P
2V to 36V Input Supply Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com