Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL200 Datasheet (PDF) - Zetex Semiconductors

ZXCL200 Datasheet PDF - Zetex Semiconductors
Part # ZXCL200
Download  ZXCL200 Download
File Size   571.29 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR

ZXCL200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCL200 Datasheet PDF - Zetex Semiconductors

Part # ZXCL200
Download  ZXCL200 Click to download

File Size   571.29 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR

ZXCL200 Datasheet (HTML) - Zetex Semiconductors


ZXCL200 Product details

DESCRIPTION
The ZXCL200 is a very small 2 volt regulator designed for use in low power and severely space limited applications.
Supply current is minimised with a ground pin current of only 40µA at full 100mA load. Logic control allows the device to be shut down, consuming typically less than 10nA. These features make it ideal for battery powered applications where power economy is critical.
The part has been designed with space sensitive systems in mind. It is available in the ultra small SC70 package, which is half the size of other SOT23 based regulator devices

FEATURES
• 5-pin SC70 package for the ultimate in space saving
• 5-pin SOT23 industry standard pinout
• 40µA ground pin current with full 100mA load
• Typically less than 10nA ground pin current on shutdown
• 2 volt output
• Very low noise, without bypass capacitor
• Thermal overload and over-current protection
• -40 to +85°C operating temperature range

APPLICATIONS
• Cellular and Cordless phones
• Palmtop and laptop computers
• PDA
• Hand held instruments
• Camera, Camcorder, Personal Stereo
• PCMCIA cards
• Portable and Battery-powered equipmenth




Similar Part No. - ZXCL200

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
ZXCL250 ZETEX-ZXCL250 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL250E5 ZETEX-ZXCL250E5 Datasheet
374Kb / 11P
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
ZXCL250E5 ZETEX-ZXCL250E5 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL250E5TA DIODES-ZXCL250E5TA Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
More results


Similar Description - ZXCL200

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214 SIPEX-SP6214 Datasheet
260Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
18V Input, 100mA Current Limited, Micropower Linear Regulator
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Exar Corporation
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Monolithic Power System...
MP28300 MPS-MP28300 Datasheet
1Mb / 19P
Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com